Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 589 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 589 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 585Page - PMC-Sierra, Inc PM5313 Datasheet HTML 586Page - PMC-Sierra, Inc PM5313 Datasheet HTML 587Page - PMC-Sierra, Inc PM5313 Datasheet HTML 588Page - PMC-Sierra, Inc PM5313 Datasheet HTML 589Page - PMC-Sierra, Inc PM5313 Datasheet HTML 590Page - PMC-Sierra, Inc PM5313 Datasheet HTML 591Page - PMC-Sierra, Inc PM5313 Datasheet HTML 592Page - PMC-Sierra, Inc PM5313 Datasheet HTML 593Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 589 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
557
Figure 69
- STS-3 (STM-1/AU3) 19.44 MHz Byte ADD Bus (AFP) Timing
AFP[n]
ACK
AD[8(n-1)+7:8(n-1)]
TOH #1
C1
TOH #2
C1/X
TOH #3
C1/X
SPE #1
BYT 1
SPE #2
BYT 1
SPE #3
BYT 1
POH #1
J1
SPE #2
BYT 262
SPE #3
PSO
TTOH #1
V1 #1
SPE #2
BYT 263
SPE #3
BYT 263
APL[n]
(AC1J1V1[n])
ADP[n]
The figure above shows the STS-3 (STM-1/AU3) 19.44 MHz byte ADD bus (AFP)
timing where n is {1, 2, 3, 4}. This timing applies to all four 19.44 MHz Byte
Telecom ADD buses. ACK is a 19.44 MHz clock. The frame pulse AFP[1]
(AFP[4], AFP[3], AFP[2]) marks the first synchronous payload envelope byte in
the STS-3 (STM-1/AU3) frame on AD[7:0] (AD[31:24], AD[23:16], AD[15:8]), all
AFP[n] signals must be aligned. It is not necessary for AFP[n] to be present at
every frame. An internal counter fly-wheels based on the most recent AFP[n]
received. In this system interface mode, valid H1, H2 pointer bytes must be
provided on AD[7:0] (AD[31:24], AD[23:16], AD[15:8]) and the APL[1] (APL[4:2])
input signal must be strapped low. Transport overhead and payload bytes are
distinguished by interpreting the H1 and H2 pointer bytes. The phase relation of
the SPE (VC) to the transport frame and pointer justification events are also
determined via the H1 and H2 pointer bytes. Optionally, the first frame of the ADD
bus tributary multiframe in each STS-1 (STM-0/AU3) stream is determined by
interpreting the H4 byte in the corresponding path overhead. The alignment of
the transport frame and the synchronous payload envelope of STS-1
(STM-0/AU3) #1 shown corresponds to an active offset of 0 and is for illustration
only. Other alignments are possible. Also, the SPE alignments of the four 19.44
MHz Byte Telecom ADD buses may be different. The ADD bus parity input
ADP[1] (ADP[4], ADP[3], ADP[2]) carries the parity of AD[7:0] (AD[31:24],
AD[23:16], AD[15:8]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com