Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 588 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 588 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 584Page - PMC-Sierra, Inc PM5313 Datasheet HTML 585Page - PMC-Sierra, Inc PM5313 Datasheet HTML 586Page - PMC-Sierra, Inc PM5313 Datasheet HTML 587Page - PMC-Sierra, Inc PM5313 Datasheet HTML 588Page - PMC-Sierra, Inc PM5313 Datasheet HTML 589Page - PMC-Sierra, Inc PM5313 Datasheet HTML 590Page - PMC-Sierra, Inc PM5313 Datasheet HTML 591Page - PMC-Sierra, Inc PM5313 Datasheet HTML 592Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 588 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
556
15.6.2 ADD Bus
Figure 68
- STS-3 (STM-1/AU3) 19.44 MHz Byte ADD Bus Timing
ACK
TOH #1
C1
TOH #2
C1/X
TOH #3
C1/X
SPE #1
BYT 1
SPE #2
BYT 1
SPE #3
BYT 1
POH #1
J1
SPE #2
BYT 262
SPE #3
PSO
TTOH #1
V1 #1
SPE #2
BYT 263
SPE #3
BYT 263
PJE
AD[8(n-1)+7:8(n-1)]
APL[n]
AC1J1V1[n]
ADP[n]
The figure above shows the STS-3 (STM-1/AU3) 19.44 MHz byte ADD bus
timing where n is {1, 2, 3, 4}. This timing applies to all four 19.44 MHz Byte
Telecom ADD buses. ACK is a 19.44 MHz clock. Transport overhead and
payload bytes are distinguished by the APL[1] (APL[4], APL[3], APL[2]) input
which is set low to mark transport overhead bytes and set high to mark payload
bytes on AD[7:0] (AD[31:24], AD[23:16], AD[15:8]). A positive justification event is
shown for STS-1 (STM-0/AU3) #3. A stuff byte is place in the positive stuff
opportunity byte and APL[1] (APL[4], APL[3], APL[2]) is set low to indicate that
data is not available. The ADD bus composite timing signal AC1J1V1[1]
(AC1J1V1[4], AC1J1V1[3], AC1J1V1[2]) is set high when APL[1] (APL[4:2]) is set
low to mark the C1 byte. Optionally, AC1J1V1[1] (AC1J1V1[4:2]) is set high when
APL[1] (APL[4:2]) is also set high to mark the J1 byte in each of the three STS-1
(STM-0/AU3) streams. Optionally, AC1J1V1[1] (AC1J1V1[4:2]) is set high once
every multiframe to mark the first frame of the ADD bus tributary multiframe in
each STS-1 (STM-0/AU3) stream. The alignment of the transport frame and the
synchronous payload envelope of STS-1 (STM-0/AU3) #1 shown corresponds to
an active offset of 0 and is for illustration only. Other alignments are possible.
Also, the SPE alignments of the four 19.44 MHz Byte Telecom ADD buses may
be different. The ADD bus parity input ADP[1] (ADP[4], ADP[3], ADP[2]) carries
the parity of AD[7:0] (AD[31:24], AD[23:16], AD[15:8]) and optionally includes
APL[1] (APL[4:2]) and AC1J1V1[1] (AC1J1V1[4:2]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com