Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 590 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 590 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 586Page - PMC-Sierra, Inc PM5313 Datasheet HTML 587Page - PMC-Sierra, Inc PM5313 Datasheet HTML 588Page - PMC-Sierra, Inc PM5313 Datasheet HTML 589Page - PMC-Sierra, Inc PM5313 Datasheet HTML 590Page - PMC-Sierra, Inc PM5313 Datasheet HTML 591Page - PMC-Sierra, Inc PM5313 Datasheet HTML 592Page - PMC-Sierra, Inc PM5313 Datasheet HTML 593Page - PMC-Sierra, Inc PM5313 Datasheet HTML 594Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 590 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
558
Figure 70
- STS-3c (STM-1/AU4) 19.44 MHz Byte ADD Bus Timing
ACK
TOH
C1
TOH
C1/X
TOH
C1/X
SPE
BYT 1
SPE
BYT 2
SPE
BYT 3
POH #1
J1
SPE
BYT 785
SPE
BYT 786
SPE
V1/NPI
SPE
V1/NPI
SPE
V1/NPI
AD[8(n-1)+7:8(n-1)]
AC1J1V1[n]
ADP[n]
APL[n]
The figure above shows the STS-3c (STM-1/AU4) 19.44 MHz byte ADD bus
timing where n is {1, 2, 3, 4}. This timing applies to all four 19.44 MHz Byte
Telecom ADD buses. ACK is a 19.44 MHz clock. Transport overhead and
payload bytes are distinguished by the APL[1] (APL[4], APL[3], APL[2]) input
which is set low to mark transport overhead bytes and set high to mark payload
bytes on AD[7:0] (AD[31:24], AD[23:16], AD[15:8]). The ADD bus composite
timing signal AC1J1V1[1] (AC1J1V1[4], AC1J1V1[3], AC1J1V1[2]) is set high
when APL[1] (APL[4:2]) is set low to mark the C1 byte. Optionally, AC1J1V1[1]
(AC1J1V1[4:2]) is set high when APL[1] (APL[4:2]) is also set high to mark the J1
byte. Optionally, AC1J1V1[1] (AC1J1V1[4:2]) is set high once every multiframe to
mark the first frame of the ADD bus tributary multiframe. When processing an
STS-3c (STM-1/AU4) stream, the V1 pulse marks the more significant byte of the
Null Pointer Indication (NPI) of the first frame in each tributary multiframe. The
alignment of the transport frame and the synchronous payload envelope of
STS-3c (STM-1/AU4) stream shown corresponds to an active offset of 0 and is
for illustration only. Other alignments are possible. Also, the SPE alignments of
the four 19.44 MHz Byte Telecom ADD buses may be different. The ADD bus
parity input ADP[1] (ADP[4], ADP[3], ADP[2]) carries the parity of AD[7:0]
(AD[31:24], AD[23:16], AD[15:8]) and optionally includes APL[1] (APL[4:2]) and
AC1J1V1[1] (AC1J1V1[4:2]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com