Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 587 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 587 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 583Page - PMC-Sierra, Inc PM5313 Datasheet HTML 584Page - PMC-Sierra, Inc PM5313 Datasheet HTML 585Page - PMC-Sierra, Inc PM5313 Datasheet HTML 586Page - PMC-Sierra, Inc PM5313 Datasheet HTML 587Page - PMC-Sierra, Inc PM5313 Datasheet HTML 588Page - PMC-Sierra, Inc PM5313 Datasheet HTML 589Page - PMC-Sierra, Inc PM5313 Datasheet HTML 590Page - PMC-Sierra, Inc PM5313 Datasheet HTML 591Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 587 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
555
Figure 67
- STS-12c (STM-4-4c) 77.76 MHz Byte DROP Bus Timing
DFP
DCK
DD[7:0]
DPL[1]
DC1J1V1[1]
DDP[1]
POH
J1
TT OH
V1
12 3 4
9 10 1112
5 6 7 8
1 2 3 4
9 10 11 12
567 8
SP E bytes
TO H C1 bytes
SP E bytes
FIR ST
C 1
The figure above shows the STS-12c (STM-4-4c) 77.76 MHz byte DROP bus
timing. DCK is a 77.76 MHz clock. The frame pulse DFP marks the first
synchronous payload envelope byte on DD[7:0]. It is not necessary for DFP to be
present at every frame. An internal counter fly-wheels based on the most recent
DFP received. Transport overhead and payload bytes are distinguished by the
DPL[1] output which is set low to mark transport overhead bytes and set high to
mark payload bytes. The DROP bus composite timing signal DC1J1V1[1] is set
high when DPL[1] is set low to mark the first C1 byte. DC1J1V1[1] is set high
when DPL[1] is also set high to mark the J1 byte of the STS-12c (STM-4-4c)
stream. Optionally, DC1J1V1[1] is set high once every multiframe to mark the “V1
byte” in the first frame of the DROP bus tributary multiframe. The “V1 byte”
corresponds to the 12-th byte after J1. The alignment of the transport frame and
the synchronous payload envelope of STS-12c (STM-4-4c) stream shown
corresponds to an active offset of 0 and is for illustration only. Other alignments
are possible. The DROP bus parity output DDP[1] reports the parity of DD[7:0]
and optionally includes DPL[1] and DC1J1V1[1].
During a PAIS condition, jump in J1 location can occur on DC1J1V1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com