Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 583 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 583 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 579Page - PMC-Sierra, Inc PM5313 Datasheet HTML 580Page - PMC-Sierra, Inc PM5313 Datasheet HTML 581Page - PMC-Sierra, Inc PM5313 Datasheet HTML 582Page - PMC-Sierra, Inc PM5313 Datasheet HTML 583Page - PMC-Sierra, Inc PM5313 Datasheet HTML 584Page - PMC-Sierra, Inc PM5313 Datasheet HTML 585Page - PMC-Sierra, Inc PM5313 Datasheet HTML 586Page - PMC-Sierra, Inc PM5313 Datasheet HTML 587Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 583 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
551
The figure above shows the STS-3c (STM-1/AU4) 19.44 MHz byte DROP bus
timing where n is {1, 2, 3, 4}. This timing applies to all four 19.44 MHz Byte
Telecom DROP buses. DCK is a 19.44 MHz clock. The frame pulse DFP marks
the first synchronous payload envelope byte on DD[7:0] (DD[31:24], DD[23:16],
DD[15:8]). It is not necessary for DFP to be present at every frame. An internal
counter fly-wheels based on the most recent DFP received. Transport overhead
and payload bytes are distinguished by the DPL[1] (DPL[4], DPL[3], DPL[2])
output which is set low to mark transport overhead bytes and set high to mark
payload bytes. The DROP bus composite timing signal DC1J1V1[1]
(DC1J1V1[4], DC1J1V1[3], DC1J1V1[2]) is set high when DPL[1] (DPL[4:2]) is
set low to mark the C1 byte. DC1J1V1[1] (DC1J1V1[4:2]) is set high when
DPL[1] (DPL[4:2]) is also set high to mark the J1 byte of the STS-3c
(STM-1/AU4) stream. Optionally, DC1J1V1[1] (DC1J1V1[4:2]) is set high once
every multiframe to mark the first frame of the DROP bus tributary multiframe.
When processing an STS-3c (STM-1/AU4) stream, the V1 pulse marks the more
significant byte of the Null Pointer Indication (NPI) of the first frame in each
tributary multiframe. The alignment of the transport frame and the synchronous
payload envelope of STS-3c (STM-1/AU4) stream shown corresponds to an
active offset of 0 and is for illustration only. Other alignments are possible. Also,
the SPE alignments of the four 19.44 MHz Byte Telecom DROP buses may be
different. The DROP bus parity output DDP[1] (DDP[4], DDP[3], DDP[2]) reports
the parity of DD[7:0] (DD[31:24], DD[23:16], DD[15:8]) and optionally includes
DPL[1] (DPL[4:2]) and DC1J1V1[1] (DC1J1V1[4:2]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com