Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 581 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 581 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 577Page - PMC-Sierra, Inc PM5313 Datasheet HTML 578Page - PMC-Sierra, Inc PM5313 Datasheet HTML 579Page - PMC-Sierra, Inc PM5313 Datasheet HTML 580Page - PMC-Sierra, Inc PM5313 Datasheet HTML 581Page - PMC-Sierra, Inc PM5313 Datasheet HTML 582Page - PMC-Sierra, Inc PM5313 Datasheet HTML 583Page - PMC-Sierra, Inc PM5313 Datasheet HTML 584Page - PMC-Sierra, Inc PM5313 Datasheet HTML 585Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
549
errors, only the first N positions corresponding to the number of detected errors
are set high, the remainder are set low. The PRDI code bits (PRDI5, PRDI6,
PRDI7) are set accordingly when the corresponding STS-1 (STM-0/AU3) stream
in the peer receive section inserts an RDI condition to be relayed back to the far
end. The transmit APS channel, K1 and K2, bytes can also be sourced from TAD
stream during the last two byte position in the input bit stream. Input data is
sampled on the rising edge of TACK.
For an STS-3c (STM-1/AU4) in an STS-12 (STM-4/AU3/AU4) transmit stream,
only the BIP Count and PRDI code time-slots associated with the equivalent
STS-1 (STM-0/AU3) #1 can be used. The TAD input must be set low during the
BIP Count and PRDI code time-slots of the equivalent STS-1 (STM-0/AU3) #2
and #3. For an STS-12c (STM-4-4c) transmit stream, only the BIP Count and
PRDI code time-slots associated with the equivalent STS-3 (STM-1) #1 STS-1
(STM-0/AU3) #1 can be used. The TAD input must be set low during the BIP
Count and PRDI code time-slots for the eleven remaining STS-1 (STM-0/AU3)
equivalent streams.
The TAD port can revtrieve up to 15 BIP errors for each slice per frame. Given
the timing of the RAD port, a mate SPECTRA-622 could output 16 errors within
one frame period. If eight errors are detected in two consecutive frames and the
timing makes them appear within one frame period, the 16
th count could be lost.
15.6 Telecom Bus System Side
15.6.1 DROP Bus
Figure 63
- STS-3 (STM-1/AU3) 19.44 MHz Byte DROP Bus Timing
DFP
DCK
DD[8(n-1)+7:8(n-1)]
TOH #1
C1
TOH #2
C1/X
TOH #3
C1/X
SPE #1
BYT 1
SPE #2
BYT 1
SPE #3
BYT 1
POH #1
J1
SPE #2
BYT 262
SPE #3
PSO
TTOH #1
V1 #1
SPE #2
BYT 263
SPE #3
BYT 263
DPL[n]
PJE
DC1J1V1[n]
DDP[n]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com