Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 577 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 577 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 573Page - PMC-Sierra, Inc PM5313 Datasheet HTML 574Page - PMC-Sierra, Inc PM5313 Datasheet HTML 575Page - PMC-Sierra, Inc PM5313 Datasheet HTML 576Page - PMC-Sierra, Inc PM5313 Datasheet HTML 577Page - PMC-Sierra, Inc PM5313 Datasheet HTML 578Page - PMC-Sierra, Inc PM5313 Datasheet HTML 579Page - PMC-Sierra, Inc PM5313 Datasheet HTML 580Page - PMC-Sierra, Inc PM5313 Datasheet HTML 581Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
545
position is controlled by the SLAIS bit in the SPECTRA-622 Ring Control
Register.
While RRCPFP is low, RRCPDAT is high for one RRCPCLK cycle for each
received REI indication.
Figure 60
- Receive Path Alarm Port Timing
B
2
B
3
B
4
B
5
B
6
B
7
B
8
B
1
B
1
BIP Count
PRDI Indication
B
8
RAD
RPOHFP
RPOHCLK
RPOHFP
STS-3 #1
STS-1 #1
BIP and PRDI
RPOHCLK
STS-3 #3
STS-1 #1
BIP and PRDI
STS-3 #2
STS-1 #1
BIP and PRDI
STS-3 #1
STS-1 #2
BIP and PRDI
STS-3 #4
STS-1 #1
BIP and PRDI
STS-3 #1 STS-1 #1
The figure above shows the format of the receive path alarm port. The path BIP-8
error counts and the PRDI codes from all STS-1 (STM-0/AU3) in an STS-12
(STM-4/AU3) receive stream are serialized in the receive alarm data output
(RAD) and clocked out by RPOHCLK. Output data is updated on the falling edge
of RPOHCLK. The eight BIP count bit positions for each STS-1 (STM-0/AU3) are
left justified. If there are eight BIP errors in the corresponding STS-1
(STM-0/AU3) stream, all bit positions are set high. If there are fewer BIP errors,
only the first N positions corresponding to the number of detected errors are set
high, the remainder are set low. The PRDI code bits are set when receive alarm
conditions are asserted for the corresponding STS-1 (STM-0/AU3) stream. Note,
BIP error indications are enabled using the AUTOPREI bit in the SPECTRA-622
RPPS Path REI/RDI Control #1 register. The PRDI5 indications are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com