Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 576 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 576 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 572Page - PMC-Sierra, Inc PM5313 Datasheet HTML 573Page - PMC-Sierra, Inc PM5313 Datasheet HTML 574Page - PMC-Sierra, Inc PM5313 Datasheet HTML 575Page - PMC-Sierra, Inc PM5313 Datasheet HTML 576Page - PMC-Sierra, Inc PM5313 Datasheet HTML 577Page - PMC-Sierra, Inc PM5313 Datasheet HTML 578Page - PMC-Sierra, Inc PM5313 Datasheet HTML 579Page - PMC-Sierra, Inc PM5313 Datasheet HTML 580Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
544
15.5 Mate SPECTRA-622 Interfaces
Figure 59
-Receive Ring Control Port
RRCPFP
RRCPCLK
RESERVED FOR LINE REI INDICATIONS
RRCPDAT
RRCPFP
B8
B7
B6
B5
B4
B3
B2
B1
B8
B7
B6
B5
B4
B3
B2
B1
Filtered K1 byte
Filtered K2 byte
RRCPDAT
The Receive Ring Control Port timing diagram above illustrates the operation of
the receive ring control port when the ring control ports are enabled (using the
RCPEN bit in the SPECTRA-622 Ring Control register). The control port timing is
provided by the RRCPCLK input. RRCPFP and RRCPDAT are updated on the
falling edge of RRCPCLK. RRCPFP is used to distinguish the bit positions
carrying alarm status and maintenance signal control information (RRCPFP is
high) from the bit positions carrying line REI indications (RRCPFP is low).
RRCPFP is high for 21 bit positions once per 125 µs frame. Note, REI indications
are enabled using the AUTOLREI bit in the SPECTRA-622 Ring Control register.
The first 16 bit positions contain the APS channel byte values after filtering (the
K1 and K2 values have been identical for at least three consecutive frames,
regardless of their values). The 17th bit position, COAPSI, is high for one frame
when a new APS channel byte value (after filtering) is received. The 18th and
19th bit positions contain the current protection switch byte failure alarm status.
PSBFI is high for one frame when a change in the protection switch byte failure
alarm state is detected. PSBFV contains the real-time active high state value of
the protection switch byte failure alarm. The 20th and 21st bit positions control
the insertion of the line AIS and line RDI maintenance signals in a mate device.
The SENDLRDI bit position is controlled by the logical OR of the section/line
alarms as enabled by the SPECTRA-622 Line RDI Control register, or by the
SLRDI bit in the SPECTRA-622 Ring Control Register. The SENDLAIS bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com