Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 592 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 592 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 588Page - PMC-Sierra, Inc PM5313 Datasheet HTML 589Page - PMC-Sierra, Inc PM5313 Datasheet HTML 590Page - PMC-Sierra, Inc PM5313 Datasheet HTML 591Page - PMC-Sierra, Inc PM5313 Datasheet HTML 592Page - PMC-Sierra, Inc PM5313 Datasheet HTML 593Page - PMC-Sierra, Inc PM5313 Datasheet HTML 594Page - PMC-Sierra, Inc PM5313 Datasheet HTML 595Page - PMC-Sierra, Inc PM5313 Datasheet HTML 596Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 592 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
560
Figure 72
- STS-12c (STM-4-4c) 19.44 MHz Byte ADD Bus Timing
ACK
TOH
C1
TOH
C1/X
TOH
C1/X
SPE
BYT 1
SPE
BYT 5
SPE
BYT 9
POH #1
J1
SPE
BYT
3141
APL[4:1]
AC1J1V1[4:1]
ADP[4:1]
AD[7:0]
AD[15:8]
TOH
C1/X
TOH
C1/X
TOH
C1/X
SPE
BYT 2
SPE
BYT 6
SPE
BYT 10
FS #1
BYT 3134
SPE
BYT
3138
SPE
BYT
3139
SPE
BYT
3140
SPE
BYT
3137
SPE
BYT
3142
TOH
C1/X
TOH
C1/X
TOH
C1/X
SPE
BYT 3
SPE
BYT 7
SPE
BYT 11
SPE
BYT
3143
TOH
C1/X
TOH
C1/X
TOH
C1/X
SPE
BYT 4
SPE
BYT 8
SPE
BYT 12
SPE
BYT
3144
FS #2
BYT 3135
FS #3
BYT 3136
SPE
BYT
3154
SPE
BYT
3155
SPE
BYT
3156
SPE
BYT
3153
SPE
BYT
3150
SPE
BYT
3151
SPE
BYT
3152
SPE
BYT
3149
SPE
BYT
3146
SPE
BYT
3147
SPE
BYT
3148
SPE
BYT
3145
The figure above shows the STS-12c (STM-4-4c) 19.44 MHz byte ADD bus timing. ACK
is a 19.44 MHz clock. Transport overhead and payload bytes are distinguished by the
APL[1] (APL[2], APL[3], APL[4]) input which is set low to mark transport overhead bytes
and set high to mark payload bytes on AD[7:0] (AD[15:8], AD[23:16], AD[31:24]). The
ADD bus composite timing signal AC1J1V1[1] (AC1J1V1[2], AC1J1V1[3], AC1J1V1[4])
is set high when APL[1] (APL[2], APL[3], APL[4]) is set low to mark the first (second,
third, fourth) C1 byte. All four C1 indications on AC1J1V1[4:1] (i.e. transport frames)
must be coincident and the SPE bytes of the STS-12c (STM-4-4c) stream must be
presented to the four ADD buses in the order as depicted above. The SPE bytes shown
in the figure are numbered according to the order of transmission. Optionally,
AC1J1V1[1] is set high when APL[1] is also set high to mark the J1 byte of the STS-12c
(STM-4-4c) stream on AD[7:0]. Optionally, AC1J1V1[1] is set high once every multiframe
to mark the “V1 byte” of the first frame of the ADD bus tributary multiframe on AD[7:0].
The “V1 byte” corresponds to the third byte after J1 on AD[7:0]. The alignment of the
transport frame and the synchronous payload envelope of STS-12c (STM-4-4c) stream
shown corresponds to an active offset of 0 and is for illustration only. Other alignments
are possible. The ADD bus parity input ADP[1] (ADP[2], ADP[3], ADP[4]) carries the
parity of AD[7:0] (AD[15:8], AD[23:16], AD[31:24]) and optionally includes APL[1]
(APL[2], APL[3], APL[4]) and AC1J1V1[1] (AC1J1V1[2], AC1J1V1[3], AC1J1V1[4]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com