Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 596 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 596 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 592Page - PMC-Sierra, Inc PM5313 Datasheet HTML 593Page - PMC-Sierra, Inc PM5313 Datasheet HTML 594Page - PMC-Sierra, Inc PM5313 Datasheet HTML 595Page - PMC-Sierra, Inc PM5313 Datasheet HTML 596Page - PMC-Sierra, Inc PM5313 Datasheet HTML 597Page - PMC-Sierra, Inc PM5313 Datasheet HTML 598Page - PMC-Sierra, Inc PM5313 Datasheet HTML 599Page - PMC-Sierra, Inc PM5313 Datasheet HTML 600Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 596 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
564
Figure 76
- STS-12c (STM-4-4c) 77.76 MHz Byte ADD Bus Timing
ACK
AD[7:0]
APL[1]
AC1J1V1[1]
ADP[1]
PO H
J1
TT O H
V1
1 234
9 10 11 12
5 6 78
12 3 4
9 10 11 12
5 678
SP E bytes
TO H C1 b ytes
SP E by tes
FIRST
C1
The figure above shows the STS-12c (STM-4-4c) 77.76 MHz byte ADD bus
timing. ACK is a 77.76 MHz clock. Transport overhead and payload bytes are
distinguished by the APL[1] input which is set low to mark transport overhead
bytes and set high to mark payload bytes on AD[7:0]. The ADD bus composite
timing signal AC1J1V1[1] is set high when APL[1] s set low to mark the first C1
byte. Optionally, AC1J1V1[1] is set high when APL[1] is also set high to mark the
J1 byte. Optionally, AC1J1V1[1] is set high once every multiframe to mark the “V1
byte” of the first frame of the ADD bus tributary multiframe. The “V1 byte”
corresponds to the 12-th byte after J1. The alignment of the transport frame and
the synchronous payload envelope of STS-12c (STM-4-4c) stream shown
corresponds to an active offset of 0 and is for illustration only. Other alignments
are possible. The ADD bus parity input ADP[1] carries the parity of AD[7:0] and
optionally includes APL[1] and AC1J1V1[1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com