Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 595 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 595 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 591Page - PMC-Sierra, Inc PM5313 Datasheet HTML 592Page - PMC-Sierra, Inc PM5313 Datasheet HTML 593Page - PMC-Sierra, Inc PM5313 Datasheet HTML 594Page - PMC-Sierra, Inc PM5313 Datasheet HTML 595Page - PMC-Sierra, Inc PM5313 Datasheet HTML 596Page - PMC-Sierra, Inc PM5313 Datasheet HTML 597Page - PMC-Sierra, Inc PM5313 Datasheet HTML 598Page - PMC-Sierra, Inc PM5313 Datasheet HTML 599Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 595 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
563
Figure 75
- STS-12 (STM-12/AU3) 77.76 MHz Byte ADD Bus (AFP) Timing
AFP[1]
ACK
AD[7:0]
TOH #1
C1
TOH #2
C1
TOH #3
C1
SPE #1
BYT 1
SPE #2
BYT 1
SPE #3
BYT 1
SPE #2
BYT 262
SPE #2
BYT 263
SPE #3
BYT 263
APL[1]
(AC1J1V1[1])
ADP[1]
SPE #1
BYT 263
SPE #3
BYT 262
SPE #1
BYT 262
STS-3 #1
STS-3 #4
STS-3 #3
STS-3 #2
STS-3 #1
STS-1 #1
POH
J1
STS-3 #3
STS-1 #2
PSO
STS-3 #1
STS-1 #1
TTO H
V1
STS-1 #1's
STS-1 #3's
STS-1 #2's
First
SPE Byte
The figure above shows the STS-12 (STM-4/AU3) 77.76 MHz byte ADD bus
(AFP) timing. ACK is a 77.76 MHz clock. The frame pulse AFP[1] marks the first
synchronous payload envelope byte in the STS-12 (STM-4/AU3/AU4) frame on
AD[7:0]. It is not necessary for AFP[1] to be present at every frame. An internal
counter fly-wheels based on the most recent AFP[1] received. In this system
interface mode, valid H1, H2 pointer bytes must be provided on AD[7:0] for each
STS-1 (STM-0/AU3) or equivalent stream and the APL[1] input must be strapped
low. Transport overhead and payload bytes are distinguished by interpreting the
H1 and H2 pointer bytes. The phase relation of the SPE (VC) to the transport
frame and pointer justification events are also determined via the H1 and H2
pointer bytes. Optionally, the V1 byte in the first frame of the ADD bus tributary
multiframe for each STS-1 (STM-0/AU3) or equivalent stream is determined by
interpreting the H4 byte in the corresponding path overhead. The alignment of
the transport frame and the synchronous payload envelope of STS-3 #1 STS-1
(STM-0/AU3) #1 shown corresponds to an active offset of 0 and is for illustration
only. Other alignments are possible. The ADD bus parity input ADP[1] carries the
parity of AD[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com