Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 597 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 597 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 593Page - PMC-Sierra, Inc PM5313 Datasheet HTML 594Page - PMC-Sierra, Inc PM5313 Datasheet HTML 595Page - PMC-Sierra, Inc PM5313 Datasheet HTML 596Page - PMC-Sierra, Inc PM5313 Datasheet HTML 597Page - PMC-Sierra, Inc PM5313 Datasheet HTML 598Page - PMC-Sierra, Inc PM5313 Datasheet HTML 599Page - PMC-Sierra, Inc PM5313 Datasheet HTML 600Page - PMC-Sierra, Inc PM5313 Datasheet HTML 601Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 597 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
565
Figure 77
- STS-12c (STM-4-4c) 77.76 MHz Byte ADD Bus (AFP) Timing
AFP[1]
ACK
AD[7:0]
APL[1]
(AC1J1V1[1])
ADP[1]
PO H
J1
TTO H
V1
1 234
9 10 11 12
56 7 8
1 234
9 10 11 12
5 678
SP E bytes
TO H C1 bytes
SP E bytes
First
SPE Byte
The figure above shows the STS-12c (STM-4-4c) 77.76 MHz byte ADD bus
(AFP) timing. ACK is a 77.76 MHz clock. The frame pulse AFP[1] marks the first
synchronous payload envelope byte in the STS-12c (STM-4-4c) frame on
AD[7:0]. It is not necessary for AFP[1] to be present at every frame. An internal
counter fly-wheels based on the most recent AFP[1] received. In this system
interface mode, valid H1, H2 pointer bytes must be provided on AD[7:0] and the
APL[1] input must be strapped low. Transport overhead and payload bytes are
distinguished by interpreting the H1 and H2 pointer bytes. The phase relation of
the SPE (VC) to the transport frame and pointer justification events are also
determined via the H1 and H2 pointer bytes. Optionally, the “V1 byte” in the first
frame of the ADD bus tributary multiframe is determined by interpreting the H4
byte in the corresponding path overhead. The “V1 byte” corresponds to the 12-th
byte after J1. The alignment of the transport frame and the synchronous payload
envelope of STS-12c (STM-4-4c) stream shown corresponds to an active offset
of 0 and is for illustration only. Other alignments are possible. The ADD bus parity
input ADP[1] carries the parity of AD[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com