Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 593 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 593 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 589Page - PMC-Sierra, Inc PM5313 Datasheet HTML 590Page - PMC-Sierra, Inc PM5313 Datasheet HTML 591Page - PMC-Sierra, Inc PM5313 Datasheet HTML 592Page - PMC-Sierra, Inc PM5313 Datasheet HTML 593Page - PMC-Sierra, Inc PM5313 Datasheet HTML 594Page - PMC-Sierra, Inc PM5313 Datasheet HTML 595Page - PMC-Sierra, Inc PM5313 Datasheet HTML 596Page - PMC-Sierra, Inc PM5313 Datasheet HTML 597Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 593 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
561
Figure 73
-STS-12c (STM-4-4c) 19.44 MHz Byte ADD Bus (AFP) Timing
AFP[4:1]
ACK
TOH
C1
TOH
C1/X
TOH
C1/X
SPE
BYT 1
SPE
BYT 5
SPE
BYT 9
POH #1
J1
SPE
BYT
3141
ADP[4:1]
APL[4:1]
(AC1J1V1[4:1])
AD[7:0]
AD[15:8]
TOH
C1/X
TOH
C1/X
TOH
C1/X
SPE
BYT 2
SPE
BYT 6
SPE
BYT 10
FS #1
BYT 3134
SPE
BYT
3138
SPE
BYT
3139
SPE
BYT
3140
SPE
BYT
3137
SPE
BYT
3142
TOH
C1/X
TOH
C1/X
TOH
C1/X
SPE
BYT 3
SPE
BYT 7
SPE
BYT 11
SPE
BYT
3143
TOH
C1/X
TOH
C1/X
TOH
C1/X
SPE
BYT 4
SPE
BYT 8
SPE
BYT 12
SPE
BYT
3144
FS #2
BYT 3135
FS #3
BYT 3136
SPE
BYT
3154
SPE
BYT
3155
SPE
BYT
3156
SPE
BYT
3153
SPE
BYT
3150
SPE
BYT
3151
SPE
BYT
3152
SPE
BYT
3149
SPE
BYT
3146
SPE
BYT
3147
SPE
BYT
3148
SPE
BYT
3145
The figure above shows the STS-12c (STM-4-4c) 19.44 MHz byte ADD bus
(AFP) timing. ACK is a 19.44 MHz clock. The frame pulse AFP[1] (AFP[2],
AFP[3], AFP[4]) marks the first (second, third, fourth) synchronous payload
envelope byte in the STS-12c (STM-4-4c) frame on AD[7:0] (AD[15:8], AD[23:16],
AD[31:24]), all AFP[n] must be aligned. It is not necessary for AFP[n] to be
present at every frame. An internal counter fly-wheels based on the most recent
AFP[n] received. In this system interface mode, valid H1, H2 pointer bytes must
be provided on AD[7:0] and the APL[4:1] inputs must be strapped low. Transport
overhead and payload bytes are distinguished by interpreting the H1 and H2
pointer bytes. The phase relation of the SPE (VC) to the transport frame and
pointer justification events are also determined via the H1 and H2 pointer bytes.
All four frame pulses on AFP[4:1] (i.e. transport frames) must be coincident and
the SPE bytes of the STS-12c (STM-4-4c) stream must be presented to the four
ADD buses in the order as depicted above. The SPE bytes shown in the figure
are numbered according to the order of transmission. Optionally, the “V1 byte” in
the first frame of the ADD bus tributary multiframe is determined by interpreting
the H4 byte in the corresponding path overhead. The “V1 byte” corresponds to
the third byte after J1 on AD[7:0]. The alignment of the transport frame and the
synchronous payload envelope of STS-12c (STM-4-4c) stream shown
corresponds to an active offset of 0 and is for illustration only. Other alignments
are possible. The ADD bus parity input ADP[1] (ADP[2], ADP[3], ADP[4]) carries
the parity of AD[7:0] (AD[15:8], AD[23:16], AD[31:24]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com