Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 598 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 598 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 594Page - PMC-Sierra, Inc PM5313 Datasheet HTML 595Page - PMC-Sierra, Inc PM5313 Datasheet HTML 596Page - PMC-Sierra, Inc PM5313 Datasheet HTML 597Page - PMC-Sierra, Inc PM5313 Datasheet HTML 598Page - PMC-Sierra, Inc PM5313 Datasheet HTML 599Page - PMC-Sierra, Inc PM5313 Datasheet HTML 600Page - PMC-Sierra, Inc PM5313 Datasheet HTML 601Page - PMC-Sierra, Inc PM5313 Datasheet HTML 602Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
566
15.7 DS3 Mode System Side
Figure 78
- STS-1 (STM-0/AU3) DS3 DROP Interface Timing
D S3RDAT[i]
INF O 84
IN F O 8 4
INF O 83
INF O 82
X1
IN FO 2
IN FO 1
X2
IN FO 1IN FO 2INF O 3
IN FO 8 4
IN FO 8 2
IN FO 8 3
F4
INF O 82
IN FO 83
D S3RO CLK[i]
The figure above shows the STS-1 (STM-0/AU3) DS3 DROP Interface timing.
DS3ROCLK[i] is a gapped clock of serial bus #i where i = {1 .. 12}. Data bits on
the DS3RDAT[i] bus are updated on the falling edge of DS3ROCLK[i]. The
gapped clock is generated using an internal 51.84 MHz clock derived from the
line clock or an external 44.928 MHz clock from the DS3RICLK input. The
nominal frequency of DS3ROCLK[i] is 44.736 MHz. The line clock requires the
REFCLK signal.
Figure 79
- STS-1 (STM-0/AU3) DS3 ADD Interface Timing
DS3TDAT[i]
IN FO 84
INFO 84
IN FO 83
IN FO 82
X1
INFO 2
INF O 1
X2
INFO 1
INFO 2
INFO 3
IN FO 84
IN FO 82
INF O 83
F4
IN FO 82
IN FO 83
DS3TICLK[i]
DS3TICLK[i] is a gapped clock used to fetch input data from a data source. The
nominal frequency of DS3TICLK[i] is 44.736 MHz. Data bits on the DS3TDAT[i]
bus are sampled on the rising edge of DS3TICLK[i].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com