Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 198 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 198 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 194Page - PMC-Sierra, Inc PM5313 Datasheet HTML 195Page - PMC-Sierra, Inc PM5313 Datasheet HTML 196Page - PMC-Sierra, Inc PM5313 Datasheet HTML 197Page - PMC-Sierra, Inc PM5313 Datasheet HTML 198Page - PMC-Sierra, Inc PM5313 Datasheet HTML 199Page - PMC-Sierra, Inc PM5313 Datasheet HTML 200Page - PMC-Sierra, Inc PM5313 Datasheet HTML 201Page - PMC-Sierra, Inc PM5313 Datasheet HTML 202Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
166
12 NORMAL MODE REGISTER DESCRIPTION
Normal mode registers are used to configure and monitor the operation of the
SPECTRA-622. Normal mode registers (as opposed to test mode registers) are
selected when TRS (A[13]) is low.
Notes on Normal Mode Register Bits:
1. Writing to unused bits has no effect. However, to ensure software
compatibility with future, feature-enhanced versions of the product, unused
register bits must be written with logic zero. Reading back unused bits can
produce either a logic one or a logic zero; hence unused register bits should
be masked off by software when read.
2. All configuration bits that can be written into can also be read back. This
allows the processor controlling the SPECTRA-622 to determine the
programming state of the device.
3. Writeable normal mode register bits are cleared to logic zero upon reset
unless otherwise noted.
4. Writing into read-only normal mode register bit locations does not affect
SPECTRA-622 operation unless otherwise noted.
5. Certain register bits are reserved. These bits are associated with megacell
functions that are unused in this application. To ensure that the
SPECTRA-622 operates as intended, reserved register bits must only be
written with the logic level as specified. Writing to reserved registers should
be avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com