Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 201 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 201 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 197Page - PMC-Sierra, Inc PM5313 Datasheet HTML 198Page - PMC-Sierra, Inc PM5313 Datasheet HTML 199Page - PMC-Sierra, Inc PM5313 Datasheet HTML 200Page - PMC-Sierra, Inc PM5313 Datasheet HTML 201Page - PMC-Sierra, Inc PM5313 Datasheet HTML 202Page - PMC-Sierra, Inc PM5313 Datasheet HTML 203Page - PMC-Sierra, Inc PM5313 Datasheet HTML 204Page - PMC-Sierra, Inc PM5313 Datasheet HTML 205Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
169
Register 0001H: SPECTRA-622 Line Activity Monitor
Bit
Type
Function
Default
Bit 7
R
REFCLKA
X
Bit 6
R
PICLKA
X
Bit 5
R
TDCKA
X
Bit 4
R
PINA
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
Unused
X
Bit 0
Unused
X
This register provides activity monitoring on SPECTRA-622 parallel line inputs.
When a monitored input makes a low to high transition, the corresponding
register bit is set high. The bit will remain high until this register is read, at which
point, all the bits in this register are cleared. A lack of transitions is indicated by
the corresponding register bit reading low. This register should be read
periodically to detect stuck at conditions.
PINA:
The PIN[7:0] bus data active (PINA) bit monitors for low to high transitions on
the PIN[7:0] bus when configured for parallel line mode. PINA is set high
when rising edges have been observed on all the signals in the PIN[7:0] bus,
and is set low when this register is read.
TDCKA:
The TDCK active (TDCKA) bit monitors activity on the TDCK input to aid in
the detection of a loss of clock state. When TDCK makes a low to high
transition, the TDCKA bit is set high. The bit will remain high until this register
is read at which point the TDCKA bit is cleared. Therefore, a lack of
transitions on TDCK is indicated when TDCKA is low. This register should be
read at periodic intervals to detect clock failures.
PICLKA:
The PICLK active (PICLKA) bit monitors activity on input PICLK to aid in the
detection of a loss of clock state. When PICLK makes a low to high transition,
the PICLKA bit is set high. The bit will remain high until this register is read at
which point the PICLKA bit is cleared. Therefore, a lack of transitions on
PICLK is indicated when PICLKA is low. This register should be read at
periodic intervals to detect clock failures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com