Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 199 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 199 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 195Page - PMC-Sierra, Inc PM5313 Datasheet HTML 196Page - PMC-Sierra, Inc PM5313 Datasheet HTML 197Page - PMC-Sierra, Inc PM5313 Datasheet HTML 198Page - PMC-Sierra, Inc PM5313 Datasheet HTML 199Page - PMC-Sierra, Inc PM5313 Datasheet HTML 200Page - PMC-Sierra, Inc PM5313 Datasheet HTML 201Page - PMC-Sierra, Inc PM5313 Datasheet HTML 202Page - PMC-Sierra, Inc PM5313 Datasheet HTML 203Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
167
Register 0000H: SPECTRA-622 Reset, Identity and Accumulation Trigger
Bit
Type
Function
Default
Bit 7
R/W
RESET
0
Bit 6
R/W
RESET_PATH
0
Bit 5
R/W
TIP
X
Bit 4
R
ID[4]
0
Bit 3
R
ID[3]
0
Bit 2
R
ID[2]
0
Bit 1
R
ID[1]
0
Bit 0
R
ID[0]
1
This register allows the revision number of the SPECTRA-622 to be read by
software permitting graceful migration to newer, feature-enhanced versions of the
SPECTRA-622.
In addition, writing to this register initiates a transfer of all performance monitor
counter values in the RSOP, RLOP, PMON’s, RPOP’s, DPGM’s and APGM’s
blocks into holding registers.
ID[4:0]:
The version identification bits ID[4:0], are set to the value 01H, representing
the version number of the SPECTRA-622.
TIP:
The Transfer in Progress bit is set to a logic one when the performance meter
registers are being loaded. Writing to this register will initiate an accumulation
interval transfer and loads all the performance meter registers in the RSOP,
RLOP, PMON’s, RPOP’s, DPGM’s and APGM’s blocks.
TIP remains high while the transfer is in progress, and is set to logic zero
when the transfer is complete. TIP can be polled by a microprocessor to
determine when the accumulation interval transfer is complete.
RESET_PATH:
The RESET_PATH bit allows the path processing blocks of the
SPECTRA-622 to be asynchronously reset under software control. If the
RESET_PATH bit is set to logic one, all Transmit Path Processing Slices
(TPPS #1 to #12) and all Receive Path Processing Slices (RPPS #1 to #12)
are held in reset. This is independent of all other processing blocks. This bit is
not self clearing. Therefore, a logic zero must be written to bring the slices out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com