Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 203 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 203 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 199Page - PMC-Sierra, Inc PM5313 Datasheet HTML 200Page - PMC-Sierra, Inc PM5313 Datasheet HTML 201Page - PMC-Sierra, Inc PM5313 Datasheet HTML 202Page - PMC-Sierra, Inc PM5313 Datasheet HTML 203Page - PMC-Sierra, Inc PM5313 Datasheet HTML 204Page - PMC-Sierra, Inc PM5313 Datasheet HTML 205Page - PMC-Sierra, Inc PM5313 Datasheet HTML 206Page - PMC-Sierra, Inc PM5313 Datasheet HTML 207Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
171
Register 0002H: SPECTRA-622 Line Configuration #1
Bit
Type
Function
Default
Bit 7
R/W
SLLE
0
Bit 6
R/W
SDLE
0
Bit 5
R/W
LOOPT
0
Bit 4
R/W
PDLE
0
Bit 3
R/W
RBYP
0
Bit 2
R/W
TX_LIFSEL[1]
0
Bit 1
R/W
TX_LIFSEL[0]
0
Bit 0
R/W
RX_LIFSEL
0
This register is used to configure the receive and transmit line side interfaces.
Some of the following bits must not be programmed simultaneously.
RX_LIFSEL:
The receive line interface select (RX_LIFSEL) bit selects between serial and
parallel receive line interface modes of operation. When RX_LIFSEL is set
low, serial mode is selected, enabling clock and data recovery and the SIPO
functions. The clock and data recovery may also be bypassed in serial mode
via the RBYP register bit. When RX_LIFSEL is set high, the parallel mode is
selected, by-passing the clock and data recovery, and the SIPO functions.
TX_LIFSEL[1:0]:
The transmit line interface select (TX_LIFSEL[1:0]) bit selects between serial
and parallel transmit line interface modes of operation. For the parallel mode,
it also selects the SONET/SDH termination of the transmit stream.
TX_LIFSEL[1:0]
Mode
Termination
00
Serial Transmit Line Interface.
Section,Line and
Path
01
Parallel Transmit Line
Interface
Section, Line and
Path
10
APS MODE: Serial Transmit
Line Interface and Parallel
Transmit Line Interface
Serial – Section, Line
and Path
Parallel – Path only
11
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com