Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 206 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 206 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 202Page - PMC-Sierra, Inc PM5313 Datasheet HTML 203Page - PMC-Sierra, Inc PM5313 Datasheet HTML 204Page - PMC-Sierra, Inc PM5313 Datasheet HTML 205Page - PMC-Sierra, Inc PM5313 Datasheet HTML 206Page - PMC-Sierra, Inc PM5313 Datasheet HTML 207Page - PMC-Sierra, Inc PM5313 Datasheet HTML 208Page - PMC-Sierra, Inc PM5313 Datasheet HTML 209Page - PMC-Sierra, Inc PM5313 Datasheet HTML 210Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
174
Register 0003H: SPECTRA-622 Line Configuration #2
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
Unused
0
Bit 5
R/W
Unused
0
Bit 4
R/W
FPPOS
0
Bit 3
R/W
TFPWSEL
0
Bit 2
R/W
RFPWSEL
0
Bit 1
R/W
TXDINV
0
Bit 0
R/W
RXDINV
0
This register is used to configure the receive and transmit line side interfaces.
The Reserved bits must be set low for proper operation of the SPECTRA-622.
RXDINV:
The receive inversion RXDINV controls the polarity of the receive data. When
RXDINV is set high, the polarity of the RXD+/- and PIN[7:0] inputs is inverted.
When RXDINV is set low, the RXD+/- and PIN[7:0] inputs operate normally.
TXDINV:
The transmit inversion TXDINV controls the polarity of the transmit data.
When TXDINV is set high, the polarity of the TXD+/- is inverted. When
TXDINV is set low, the TXD+/- outputs operate normally.
RFPWSEL
The Receive Frame Pulse Width Select is used to set the pulse width of the
device RFP output frame pulse pin. Setting this bit to logic zero generates a
frame pulse of one RCLK cycle wide. Setting this bit to logic one generates a
frame pulse of four RCLK cycles wide.
TFPWSEL
The Transmit Frame Pulse Width Select is used to set the pulse width of the
device TFP output frame pulse pin. Setting this bit to logic zero generates a
frame pulse of one TCLK cycle wide. Setting this bit to logic one generates a
frame pulse of four TCLK cycles wide.
FPPOS
The Frame Pulse Position register bit is used to identify the positioning of the
input frame pulse (FPIN) on the receive parallel interface. Setting this bit to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com