Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 208 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 208 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 204Page - PMC-Sierra, Inc PM5313 Datasheet HTML 205Page - PMC-Sierra, Inc PM5313 Datasheet HTML 206Page - PMC-Sierra, Inc PM5313 Datasheet HTML 207Page - PMC-Sierra, Inc PM5313 Datasheet HTML 208Page - PMC-Sierra, Inc PM5313 Datasheet HTML 209Page - PMC-Sierra, Inc PM5313 Datasheet HTML 210Page - PMC-Sierra, Inc PM5313 Datasheet HTML 211Page - PMC-Sierra, Inc PM5313 Datasheet HTML 212Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
176
Register 0004H: SPECTRA-622 Clock Control
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
RCLKEN
0
Bit 4
R/W
TCLKEN
0
Bit 3
R/W
PGMRCLKEN
0
Bit 2
R/W
PGMRCLKSEL
0
Bit 1
R/W
PGMTCLKEN
0
Bit 0
R/W
PGMTCLKSEL
0
This register controls the various line side output clocks generated for the
SPECTRA-622.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
PGMTCLKSEL:
The PGMTCLKSEL bit selects the clock frequency of the PGMTCLK output.
When PGMTCLKSEL is set low, PGMTCLK is a nominally 77.76 MHz clock.
When PGMTCLKSEL is set high, PGMTCLK is a nominally 19.44 MHz clock.
PGMTCLKEN:
The PGMTCLK enable (PGMTCLKEN) bit controls gating of the PGMTCLK
output. When PGMTCLKEN is set low, the PGMTCLK output is held low.
When PGMTCLKEN is set high, the PGMTCLK output is allowed to operate
normally.
PGMRCLKSEL:
The PGMRCLKSEL bit selects the clock frequency of the PGMRCLK output.
When PGMRCLKSEL is set low, PGMRCLK is a nominally 77.76 MHz clock.
When PGMRCLKSEL is set high, PGMRCLK is a nominally 19.44 MHz clock.
PGMRCLKEN:
The PGMRCLK enable (PGMRCLKEN) bit controls gating of the PGMRCLK
output. When PGMRCLKEN is set low, the PGMRCLK output is held low.
When PGMRCLKEN is set high, the PGMRCLK output is allowed to operate
normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com