Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 212 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 212 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 208Page - PMC-Sierra, Inc PM5313 Datasheet HTML 209Page - PMC-Sierra, Inc PM5313 Datasheet HTML 210Page - PMC-Sierra, Inc PM5313 Datasheet HTML 211Page - PMC-Sierra, Inc PM5313 Datasheet HTML 212Page - PMC-Sierra, Inc PM5313 Datasheet HTML 213Page - PMC-Sierra, Inc PM5313 Datasheet HTML 214Page - PMC-Sierra, Inc PM5313 Datasheet HTML 215Page - PMC-Sierra, Inc PM5313 Datasheet HTML 216Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
180
Register 0006H: SPECTRA-622 Ring Control
Bit
Type
Function
Default
Bit 7
R
INSLRDI
X
Bit 6
R
INSLAIS
X
Bit 5
R/W
RINGEN
0
Bit 4
R/W
AUTOLREI
0
Bit 3
R/W
RCPEN
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
SLRDI
0
Bit 0
R/W
SLAIS
0
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
SLAIS:
The SLAIS bit controls the value of the SENDLAIS bit position in the receive
ring control port stream. The SLAIS bit is used to cause a mate SPECTRA-
622 to send the line AIS maintenance signal under software control.
SLRDI:
The SLRDI bit controls the value of the SENDLRDI bit position in the receive
ring control port stream. The SENDLRDI bit value is determined by the logical
OR of this register bit along with the line RDI insertion events programmed in
the SPECTRA-622 line RDI Control register. The SLRDI bit is used to cause a
mate SPECTRA-622 to send the line RDI maintenance signal under software
control.
RCPEN:
The RCPEN bit controls the enabling of the receive and transmit ring control
ports. When RCPEN is a logic zero, the ring control ports are disabled, and
the LOS, LAIS and LRDI outputs and the RLAIS, TLAIS, and TLRDI inputs
are used to monitor alarm status and control maintenance signal insertion.
When RCPEN is a logic one, the ring control ports are enabled, and alarm
status and maintenance signal insertion control is provided by the RRCPCLK,
RRCPFP, and RRCPDAT outputs and the TRCPCLK, TRCPFP, and
TRCPDAT inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com