Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 209 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 209 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 205Page - PMC-Sierra, Inc PM5313 Datasheet HTML 206Page - PMC-Sierra, Inc PM5313 Datasheet HTML 207Page - PMC-Sierra, Inc PM5313 Datasheet HTML 208Page - PMC-Sierra, Inc PM5313 Datasheet HTML 209Page - PMC-Sierra, Inc PM5313 Datasheet HTML 210Page - PMC-Sierra, Inc PM5313 Datasheet HTML 211Page - PMC-Sierra, Inc PM5313 Datasheet HTML 212Page - PMC-Sierra, Inc PM5313 Datasheet HTML 213Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
177
TCLKEN:
The TCLK enable (TCLKEN) bit controls gating of the TCLK output. When
TCLKEN is set low, the TCLK output is held low. When TCLKEN is set high,
the TCLK output is allowed to operate normally. TCLK must be enabled in
serial mode applications where TFPI will be used. The TFPI input must be
set low prior to disabling the TCLK output. After a reset this bit or the TESBYP
bit of register 1030H needs to be set for a few clock cycle to activate the TX
line interface.
RCLKEN:
The RCLK enable (RCLKEN) bit controls gating of the RCLK output. When
RCLKEN is set low, the RCLK output is held low. When RCLKEN is set high,
the RCLK output is allowed to operate normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com