Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 210 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 210 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 206Page - PMC-Sierra, Inc PM5313 Datasheet HTML 207Page - PMC-Sierra, Inc PM5313 Datasheet HTML 208Page - PMC-Sierra, Inc PM5313 Datasheet HTML 209Page - PMC-Sierra, Inc PM5313 Datasheet HTML 210Page - PMC-Sierra, Inc PM5313 Datasheet HTML 211Page - PMC-Sierra, Inc PM5313 Datasheet HTML 212Page - PMC-Sierra, Inc PM5313 Datasheet HTML 213Page - PMC-Sierra, Inc PM5313 Datasheet HTML 214Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
178
Register 0005H: SPECTRA-622 Receive Line AIS Control
Bit
Type
Function
Default
Bit 7
R/W
SDAIS
0
Bit 6
R/W
SFAIS
0
Bit 5
R/W
LOFAIS
1
Bit 4
R/W
LOSAIS
1
Bit 3
R/W
RTIMAIS
0
Bit 2
R/W
RTIUAIS
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
Reserved
0
This register enables various section and line alarms to control the insertion of
path AIS on the SPECTRA-622 DROP bus.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
RTIUAIS:
This bit is active only when the ALLONES bit in the RLOP Control/Status
register is set high; it is ignored if the ALLONES bit is set low. The RTIUAIS
bit enables the insertion of path AIS in the DROP direction upon the
declaration of section trace identifier (mode 1 or 2) unstable. If RTIUAIS is a
logic 1, path AIS is inserted into the SONET/SDH frame when the SSTB
declares a RTIU.. Path AIS is terminated when the RTIU is removed
RTIMAIS:
This bit is active only when the ALLONES bit in the RLOP Control/Status
register is set high; it is ignored if the ALLONES bit is set low. The RTIMAIS
bit enables the insertion of path AIS in the DROP direction upon the
declaration of section trace identifier (mode 1) mismatch. If RTIMAIS is a logic
1, path AIS is inserted into the SONET/SDH frame when the accepted
identifier message differs from the expected message. Path AIS is terminated
when the accepted message matches the expected message.
LOSAIS:
The LOSAIS bit enables the insertion of path AIS in the DROP direction upon
the declaration of loss of signal (LOS). If LOSAIS is a logic 1, path AIS is
inserted into the SONET/SDH frame when LOS is declared. Path AIS is
terminated when LOS is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com