Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 211 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 211 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 207Page - PMC-Sierra, Inc PM5313 Datasheet HTML 208Page - PMC-Sierra, Inc PM5313 Datasheet HTML 209Page - PMC-Sierra, Inc PM5313 Datasheet HTML 210Page - PMC-Sierra, Inc PM5313 Datasheet HTML 211Page - PMC-Sierra, Inc PM5313 Datasheet HTML 212Page - PMC-Sierra, Inc PM5313 Datasheet HTML 213Page - PMC-Sierra, Inc PM5313 Datasheet HTML 214Page - PMC-Sierra, Inc PM5313 Datasheet HTML 215Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
179
LOFAIS:
The LOFAIS bit enables the insertion of path AIS in the DROP direction upon
the declaration of loss of frame (LOF). If LOFAIS is a logic 1, path AIS is
inserted into the SONET/SDH frame when LOF is declared. Path AIS is
terminated when LOF is removed.
SFAIS:
This bit is active only when the ALLONES bit in the RLOP Control/Status
register is set high; it is ignored if the ALLONES bit is set low. The SFAIS bit
enables the insertion of path AIS in the DROP direction upon the declaration
of signal fail (SF). If SFAIS is a logic 1, path AIS is inserted into the
SONET/SDH frame when SF is declared. Path AIS is terminated when SF is
removed.
SDAIS:
This bit is active only when the ALLONES bit in the RLOP Control/Status
register is set high; it is ignored if the ALLONES bit is set low. The SDAIS bit
enables the insertion of path AIS in the DROP direction upon the declaration
of signal degrade (SD). If SDAIS is a logic 1, path AIS is inserted into the
SONET/SDH frame when SD is declared. Path AIS is terminated when SD is
removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com