Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 216 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 216 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 212Page - PMC-Sierra, Inc PM5313 Datasheet HTML 213Page - PMC-Sierra, Inc PM5313 Datasheet HTML 214Page - PMC-Sierra, Inc PM5313 Datasheet HTML 215Page - PMC-Sierra, Inc PM5313 Datasheet HTML 216Page - PMC-Sierra, Inc PM5313 Datasheet HTML 217Page - PMC-Sierra, Inc PM5313 Datasheet HTML 218Page - PMC-Sierra, Inc PM5313 Datasheet HTML 219Page - PMC-Sierra, Inc PM5313 Datasheet HTML 220Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
184
Register 0008H: SPECTRA-622 Section Alarm Output Control #1
Bit
Type
Function
Default
Bit 7
R/W
SDSALM
0
Bit 6
R/W
SFSALM
0
Bit 5
R/W
LOFSALM
0
Bit 4
R/W
LOSSALM
0
Bit 3
R/W
RTIMSALM
0
Bit 2
R/W
RTIUSALM
0
Bit 1
Reserved
0
Bit 0
R/W
LAISSALM
0
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-
622.LAISSALM:
The LAISSALM bit allows the line alarm indication signal (LAIS) to be ORed
into the SALM output. When the LAISSALM bit is set high, the corresponding
alarm indication is ORed with other alarm indications and output on SALM.
When the LAISSALM bit is set low, the corresponding alarm indication does
not affect the SALM output.
RTIUSALM:
The RTIUSALM bit allows the section trace identifier (mode 1 or 2) unstable
(RTIU) alarm indication to be ORed into the SALM output. When the
RTIUSALM bit is set high, the corresponding alarm indication is ORed with
other alarm indications and output on SALM. When the RTIUSALM bit is set
low, the corresponding alarm indication does not affect the SALM output.
RTIMSALM:
The RTIMSALM bit allows the section trace identifier (mode 1) mismatch
(RTIM) alarm indication to be ORed into the SALM output. When the
RTIMSALM bit is set high, the corresponding alarm indication is ORed with
other alarm indications and output on SALM. When the RTIMSALM bit is set
low, the corresponding alarm indication does not affect the SALM output.
LOSSALM:
The LOSSALM bit allows the loss of signal (LOS) alarm indication to be ORed
into the SALM output. When the LOSSALM bit is set high, the corresponding
alarm indication is ORed with other alarm indications and output on SALM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com