Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 219 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 219 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 215Page - PMC-Sierra, Inc PM5313 Datasheet HTML 216Page - PMC-Sierra, Inc PM5313 Datasheet HTML 217Page - PMC-Sierra, Inc PM5313 Datasheet HTML 218Page - PMC-Sierra, Inc PM5313 Datasheet HTML 219Page - PMC-Sierra, Inc PM5313 Datasheet HTML 220Page - PMC-Sierra, Inc PM5313 Datasheet HTML 221Page - PMC-Sierra, Inc PM5313 Datasheet HTML 222Page - PMC-Sierra, Inc PM5313 Datasheet HTML 223Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
187
Register 000BH: SPECTRA-622 Section/Line Block Interrupt Status
Bit
Type
Function
Default
Bit 7
R
SCPII
X
Bit 6
R
WANSI
X
Bit 5
R
CSPII
X
Bit 4
R
RASEI
X
Bit 3
R
CRSII
X
Bit 2
R
RSOPI
X
Bit 1
R
SSTBI
X
Bit 0
R
RLOPI
X
This register allows the source of an active interrupt from a section or line
processing block to be identified. Further register accesses to the block in
question are required in order to determine each specific cause of an active
interrupt and to acknowledge each interrupt source.
RLOPI:
The RLOPI bit is set high when one or more of the maskable interrupt
sources in the receive line overhead processor has been activated. This
register bit remains high until the interrupt is acknowledged by reading the
RLOP Interrupt Enable and Status Register.
SSTBI:
The SSTBI bit is set high when one or more of the maskable interrupt sources
in the section trace buffer has been activated. This register bit remains high
until the interrupt is acknowledged by reading the SSTB Section Trace Status
Register.
RSOPI:
The RSOPI bit is set high when one or more of the maskable interrupt
sources in the receive section overhead processor has been activated. This
register bit remains high until the interrupt is acknowledged by reading the
RSOP Interrupt Status Register.
CRSII:
The CRSII bit is set high when one or more of the maskable interrupt sources
in the Clock Recovery Unit or the Serial to Parallel Converter block has been
activated. This register bit remains high until the interrupt is acknowledged by
reading the CRSI Clock Recovery Control/Status/Interrupt register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com