Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 218 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 218 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 214Page - PMC-Sierra, Inc PM5313 Datasheet HTML 215Page - PMC-Sierra, Inc PM5313 Datasheet HTML 216Page - PMC-Sierra, Inc PM5313 Datasheet HTML 217Page - PMC-Sierra, Inc PM5313 Datasheet HTML 218Page - PMC-Sierra, Inc PM5313 Datasheet HTML 219Page - PMC-Sierra, Inc PM5313 Datasheet HTML 220Page - PMC-Sierra, Inc PM5313 Datasheet HTML 221Page - PMC-Sierra, Inc PM5313 Datasheet HTML 222Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
186
Register 0009H: SPECTRA-622 Section Alarm Output Control #2
Bit
Type
Function
Default
Bit 7
R/W
LRDISALM
0
Bit 6
R/W
OOFSALM
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
Reserved
1
Reserved:
The Reserved bits must be set to their default values for proper operation of
the SPECTRA-622.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-
622.OOFSALM:
The OOFSALM bit allows the out of frame (OOF) alarm indication to be ORed
into the SALM output. When the OOFSALM bit is set high, the corresponding
alarm indication is ORed with other alarm indications and output on SALM.
When the OOFSALM bit is set low, the corresponding alarm indication does
not affect the SALM output.
LRDISALM:
The LRDISALM bit allows the line remote defect indication (LRDI) to be ORed
into the SALM output. When the LRDISALM bit is set high, the corresponding
alarm indication is ORed with other alarm indications and output on SALM.
When the LRDISALM bit is set low, the corresponding alarm indication does
not affect the SALM output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com