Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 220 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 220 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 216Page - PMC-Sierra, Inc PM5313 Datasheet HTML 217Page - PMC-Sierra, Inc PM5313 Datasheet HTML 218Page - PMC-Sierra, Inc PM5313 Datasheet HTML 219Page - PMC-Sierra, Inc PM5313 Datasheet HTML 220Page - PMC-Sierra, Inc PM5313 Datasheet HTML 221Page - PMC-Sierra, Inc PM5313 Datasheet HTML 222Page - PMC-Sierra, Inc PM5313 Datasheet HTML 223Page - PMC-Sierra, Inc PM5313 Datasheet HTML 224Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
188
RASEI:
The RASEI bit is set high when one or more of the maskable interrupt
sources in the receive APS and synchronization extractor has been activated.
This register bit remains high until the interrupt is acknowledged by reading
the RASE Interrupt Status Register.
CSPII:
The CSPII bit is set high when one or more of the maskable interrupt sources
in the Clock Synthesis or the Parallel to Serial Converter block has been
activated. This register bit remains high until the interrupt is acknowledged by
reading the CSPI Clock Synthesis Control, Status and Interrupt register.
WANSI:
The WANSI bit is a logic one when an interrupt request is active from the
WANS block. The WANS interrupt sources are enabled in the WANS Interrupt
Enable/Status Register. This register bit remains high until the interrupt is
acknowledged by reading the WANS Interrupt Status register.
SCPII:
The SCPII bit is a logic one when an interrupt request is active from the SCPI
input pins. The SCPI interrupt sources are enabled in Serial Control Port
Interrupt Enable Register. This register bit remains high until the interrupt(s)
is(are) acknowledged by clearing the enabled interrupt bit in the Serial Control
Port Interrupt Status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com