Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 217 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 217 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 213Page - PMC-Sierra, Inc PM5313 Datasheet HTML 214Page - PMC-Sierra, Inc PM5313 Datasheet HTML 215Page - PMC-Sierra, Inc PM5313 Datasheet HTML 216Page - PMC-Sierra, Inc PM5313 Datasheet HTML 217Page - PMC-Sierra, Inc PM5313 Datasheet HTML 218Page - PMC-Sierra, Inc PM5313 Datasheet HTML 219Page - PMC-Sierra, Inc PM5313 Datasheet HTML 220Page - PMC-Sierra, Inc PM5313 Datasheet HTML 221Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
185
When the LOSSALM bit is set low, the corresponding alarm indication does
not affect the SALM output.
LOFSALM:
The LOFSALM bit allows the loss of frame (LOF) alarm indication to be ORed
into the SALM output. When the LOFSALM bit is set high, the corresponding
alarm indication is ORed with other alarm indications and output on SALM.
When the LOFSALM bit is set low, the corresponding alarm indication does
not affect the SALM output.
SFSALM:
The SFSALM bit allows the signal fail (SF) alarm indication to be ORed into
the SALM output. When the SFSALM bit is set high, the corresponding alarm
indication is ORed with other alarm indications and output on SALM. When
the SFSALM bit is set low, the corresponding alarm indication does not affect
the SALM output.
SDSALM:
The SDSALM bit allows the signal degrade (SD) alarm indication to be ORed
into the SALM output. When the SDSALM bit is set high, the corresponding
alarm indication is ORed with other alarm indications and output on SALM.
When the SDSALM bit is set low, the corresponding alarm indication does not
affect the SALM output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com