Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 204 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 204 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 200Page - PMC-Sierra, Inc PM5313 Datasheet HTML 201Page - PMC-Sierra, Inc PM5313 Datasheet HTML 202Page - PMC-Sierra, Inc PM5313 Datasheet HTML 203Page - PMC-Sierra, Inc PM5313 Datasheet HTML 204Page - PMC-Sierra, Inc PM5313 Datasheet HTML 205Page - PMC-Sierra, Inc PM5313 Datasheet HTML 206Page - PMC-Sierra, Inc PM5313 Datasheet HTML 207Page - PMC-Sierra, Inc PM5313 Datasheet HTML 208Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
172
In serial transmit mode, clock synthesis and the PISO functions are enabled.
The transmit stream is completely terminated with a valid section and line
overhead (regenerator and multiplex section overheads). The same is true in
APS mode except that the parallel transmit interface is also enabled and
supplying path terminated data from after the TX_REMUX. The TSOP, TLOP
and TTOC blocks are bypassed for the parallel data.
In parallel mode, the clock synthesis and PISO functions are bypassed and
the parallel input clock is used to time the transmit line side. The transmit
stream is completely terminated with a valid section and line overhead
(regenerator and multiplex section overheads)
RBYP:
The receive bypass (RBYP) bit selects whether to bypass the CRU. When
RBYP is set high, the internal CRU is bypassed and RRCLK+/- inputs should
contain the line receive clock used to sample RXD+/-. When RBYP is set low,
the internal CRU is used and REFCLK+/- should contain the reference clock.
The SDLE bit can not be set at the same time as the RBYP bit.
PDLE:
The PDLE bit enables the parallel diagnostic loopback. When PDLE is a logic
one, the transmit parallel stream on the TD[7:0] outputs is internally
connected to the PIN[7:0] inputs on the receive line side. The PDLE and the
SLLE bits should not be set high simultaneously.
LOOPT:
The LOOPT bit selects the source of timing for the transmit section of the
channel. When LOOPT is a logic zero, the transmitter timing is derived from
input REFCLK (Clock Synthesis Unit). When LOOPT is a logic one, the
transmitter timing is derived from the recovered clock (Clock Recovery Unit).
The LOOPT and SLLE bits should not be set high simultaneously,
SDLE:
The SDLE bit enables the serial diagnostic loopback. When SDLE is a logic
one, the transmit serial stream on the TXD+/- differential outputs is internally
connected to the received serial RXD+/- differential inputs. The SDLE and the
SLLE bit or RBYP bit should not be set high simultaneously.
SLLE:
The SLLE bit enables the SPECTRA-622 line loopback mode when the
device is configured for 622.08 Mbit/s serial line interface mode of operation.
When SLLE is a logic one, the recovered data from the receive serial RXD+/-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com