Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 200 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 200 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 196Page - PMC-Sierra, Inc PM5313 Datasheet HTML 197Page - PMC-Sierra, Inc PM5313 Datasheet HTML 198Page - PMC-Sierra, Inc PM5313 Datasheet HTML 199Page - PMC-Sierra, Inc PM5313 Datasheet HTML 200Page - PMC-Sierra, Inc PM5313 Datasheet HTML 201Page - PMC-Sierra, Inc PM5313 Datasheet HTML 202Page - PMC-Sierra, Inc PM5313 Datasheet HTML 203Page - PMC-Sierra, Inc PM5313 Datasheet HTML 204Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
168
of reset. A hardware reset clears the RESET_PATH bit, thus negating the
software reset. In addition, the following top level registers are also reset:
0100H-0D00H, 1060H and 106DH-1CDDH. When performing a path reset, a
TIP will also be generated at the section and line level since it is generated by
every write to this register.
RESET:
The RESET bit allows the SPECTRA-622 to be asynchronously reset under
software control. If the reset bit is a logic one, the entire SPECTRA-622 is held in
reset. This bit is not self clearing. Therefore, a logic zero must be written to bring
the SPECTRA-622 out of reset. A hardware reset clears the RESET bit, thus
negating the software reset. Otherwise, the effect of a software reset is
equivalent to that of a hardware reset. On every reset, the following operation
need to be performed. In order to activate the TX line interface, the TCLK must
be enabled for a few clock cycles or the TX bypass mode must be enabled by
setting the BYPASS bit in register 1030H. Either of those writes will activate the
TX line interface, once done, those bits can be reprogrammed at any value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com