Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 110 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 110 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 106Page - PMC-Sierra, Inc PM7341 Datasheet HTML 107Page - PMC-Sierra, Inc PM7341 Datasheet HTML 108Page - PMC-Sierra, Inc PM7341 Datasheet HTML 109Page - PMC-Sierra, Inc PM7341 Datasheet HTML 110Page - PMC-Sierra, Inc PM7341 Datasheet HTML 111Page - PMC-Sierra, Inc PM7341 Datasheet HTML 112Page - PMC-Sierra, Inc PM7341 Datasheet HTML 113Page - PMC-Sierra, Inc PM7341 Datasheet HTML 114Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
112
The details of the differences between IMA v1.1 and IMA v1.0 can be found in
appendix C of the ATM Forum IMA 1.1 specification..
The S/UNI-IMA-84 is primarily designed to be IMA v1.1 compliant. However, it
may also be programmed to analyze the incoming ICP cells and generate
outgoing ICP cells using IMA v1.0 style, given the group is symmetrically
configured. IMA v1.0 is not supported for asymmetrical groups. Support of IMA
V1.0 versus IMA v1.1 is selectable on a per-group basis.
Since the rx link state is reported on the TX LID byte, the rx_link state is reported
as unusable prior to LID validation unlike in IMA 1.1 where it is reported as “Not
in Group” prior to LID validation.
10.2.9 SDRAM Interface
The S/UNI-IMA-84 uses the external SDRAM to buffer queued cells. The cell-
buffer SDRAM interface permits a single device, with 4M addressing capability,
for a total of 8 Mbytes of storage. It has a 16-bit wide data bus, with CRC-16
checking applied on a per-cell basis. Each cell takes up 64 bytes of memory. The
CRC-16 is applied to words 0 through 30. If an error occurs, an interrupt is sent
to the microprocessor, and the cell is sent to the ATM layer anyway.
The following diagram shows the cell storage map with the 64-byte memory
boundary.
Figure 21
- Cell Storage Map
Word # 15
Bits
0
Write Pointer + 0
DCB Status[15:0]
1
DCB Status[31:16]
2
Header1
Header2
3
Header3
Header4
4
Reserved
5
STATUS
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com