Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 112 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 112 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 108Page - PMC-Sierra, Inc PM7341 Datasheet HTML 109Page - PMC-Sierra, Inc PM7341 Datasheet HTML 110Page - PMC-Sierra, Inc PM7341 Datasheet HTML 111Page - PMC-Sierra, Inc PM7341 Datasheet HTML 112Page - PMC-Sierra, Inc PM7341 Datasheet HTML 113Page - PMC-Sierra, Inc PM7341 Datasheet HTML 114Page - PMC-Sierra, Inc PM7341 Datasheet HTML 115Page - PMC-Sierra, Inc PM7341 Datasheet HTML 116Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
114
Figure 23
- 8 MByte
SYSCLK
CBCSB
CBRASB
CBCASB
CBWEB
CBBS[1:0]
CBA[11:0]
CBDQM
CBDQ[15:0]
CKE
CLK
Addr/Ctrl
DQM
DQ[15:0]
4 x 4k x 256 x 16
1
clock source
There are three processes, all of which are arbitrated by the SDRAM arbiter, that
access the cell buffer SDRAM:
1. The RDAT, which reads and writes cell and status information. The granularity
of access by the RDAT is a concatenated 1-cell write, 1-cell read. Either the
write or the read may not be performed, depending on the RDATs
requirements.
2. The microprocessor interface, which performs diagnostic reading or writing of
64 bytes of data. This data is aligned with the cell data. This access is allowed
only when the SDRAM is placed in Diagnostic mode and is provided both to
enable SDRAM testing and to initialize the SDRAM. While it is in diagnostic
mode, all regular accesses from the RDAT are disabled
3. The refresh controller, which has a programmable refresh rate.
The SDRAM interface will perform the initialization sequence for the SDRAM.
This sequence is triggered by the SDRAM enable bit in the SDRAM control
register. The sequence will program the SDRAM with a CAS latency of 3,
sequential access, write burst mode, and a burst length of 8. Applications should
ensure that sufficient time is provided between SDRAM power up and when this
enable bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com