Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 116 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 116 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 112Page - PMC-Sierra, Inc PM7341 Datasheet HTML 113Page - PMC-Sierra, Inc PM7341 Datasheet HTML 114Page - PMC-Sierra, Inc PM7341 Datasheet HTML 115Page - PMC-Sierra, Inc PM7341 Datasheet HTML 116Page - PMC-Sierra, Inc PM7341 Datasheet HTML 117Page - PMC-Sierra, Inc PM7341 Datasheet HTML 118Page - PMC-Sierra, Inc PM7341 Datasheet HTML 119Page - PMC-Sierra, Inc PM7341 Datasheet HTML 120Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
118
This is to enable the IMA to perform a fast recovery from error conditions. An
OCD event will result in a loss of IMA frame sync to ensure differential delay
checking is performed.
10.5 Line Side Physical Layer
The S/UNI-IMA-84 must be configured to support one of either the SBI interface
or the 32 Clock and Data interface.
10.5.1 TX Clock/Data (TCAS)
The S/UNI-IMA-84 supports up to 32 2-pin Clock/Data serial interfaces to
interface with standard framers. Each link is independent and has its own
associated clock. To enable easier support of CTC, a common clock is also
supported using the CTSCLK pin. The S/UNI-IMA-84 responds to the active edge
of each transmit clock by generating a single bit.
When the external framer needs to insert transmission overhead (such as
framing bits) into the data stream provided by the S/UNI-IMA-84, the framer is
required to gap the transmit clock provided to the S/UNI-IMA-84. This will
prevent the S/UNI-IMA-84 from outputting data bits during the overhead bit
period(s).
The Transmit Channel Assigner block (TCAS) processes up to 32 virtual links.
Data for all links is sourced from a single byte-serial stream from the TC layer.
For each link, the TCAS provides a holding register. The TCAS also performs
parallel-to-serial conversion to form a bit-serial stream. When multiple links are in
need of data, TCAS requests data from upstream blocks on a fixed priority basis
with link TSDATA[0] having the highest priority and link TSDATA[31] the lowest.
Links containing a T1 or an E1 stream may be channelized. Data at each time-
slot may be assigned either: (1) to be sourced from the virtual link or (2) to be
unassigned. This mechanism of assigning timeslots enables support of fractional
links. The link clock should only be active during time-slots 1 to 24 of a T1 stream
and inactive during the frame bit. Similarly, the clock is only active during time-
slots 1 to 31 of an E1 stream and inactive during the framing byte. The first bit of
time-slot 1 of a channelized link is identified by noting the absence of the clock
and its re-activation. With knowledge of the transmit link and time-slot identity, the
TCAS performs a table look-up to identify which timeslots are in use.
Links may also be unchannelized. In that case, all data bytes on that link belong
to the virtual link. The TCAS performs a table look-up to identify the link to which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com