Electronic Components Datasheet Search
  English  ▼

X  

PM7341 Datasheet(PDF) 117 Page - PMC-Sierra, Inc

Part # PM7341
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7341 Datasheet(HTML) 117 Page - PMC-Sierra, Inc

Back Button PM7341 Datasheet HTML 113Page - PMC-Sierra, Inc PM7341 Datasheet HTML 114Page - PMC-Sierra, Inc PM7341 Datasheet HTML 115Page - PMC-Sierra, Inc PM7341 Datasheet HTML 116Page - PMC-Sierra, Inc PM7341 Datasheet HTML 117Page - PMC-Sierra, Inc PM7341 Datasheet HTML 118Page - PMC-Sierra, Inc PM7341 Datasheet HTML 119Page - PMC-Sierra, Inc PM7341 Datasheet HTML 120Page - PMC-Sierra, Inc PM7341 Datasheet HTML 121Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 413 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7341 S/UNI-IMA-84
DATASHEET
PMC-2000223
ISSUE 4
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
119
a data byte belongs using only the outgoing link identity, as no time-slots are
associated with unchannelized links. The link clock is only active during bit-times
containing data to be transmitted; it is inactive during bit-times that are to be
ignored by the downstream devices, such as framing and overhead bits.
10.5.2 TX Null Framer (SDFR84)
Since data is carried over the SBI bus in a framed format, the ATM payload must
be mapped into the appropriate T1, E1, or DS3 format. The Null Framer creates
bit streams with the appropriate number of bits without performing the actual
framing bit generation or signaling insertion.
For T1, a T1 frame is created by adding a bit as a placeholder for the framing bit
and the ATM data is mapped into the 24 DS0 channels.
For E1, placeholders are inserted for channels 0 and 16, which are reserved for
signaling, and ATM data is mapped into the remaining 30 channels. (Channels 1
through 15 and 17 through 31).
For DS3, a bit is inserted every 21 nibbles for the frame/sub-frame bits.
10.5.3 Insert Scaleable Bandwidth Interconnect (INSBI)
The Insert Scaleable Bandwidth Interconnect block maps up to eighty-four
T1(1.544 Mbp)s links, sixty-three E1 (2.048 Mbps) links, or three DS3 (44.736
Mbps) links into the SBI bus. The 1.544 Mbps links are T1 framed (channelized)
with null framing bits. The 2.048 Mbps links are E1 framed (channelized) with null
framing bytes. The 44.736 Mbps links are also framed DS3 with null framing bits.
All links sourced from the S/UNI-IMA-84 over the SBI bus must be framed prior to
transmission.
Links inserted into the SBI bus are timed from the framer device (e.g. PM8315
TEMUX, PM8316 TEMUX-84). In other words, the INSBI always acts as a clock
slave. The INSBI performs SBI tributary justifications under command from the
AJUST_REQ signal..
10.5.4 Extract Scaleable Bandwidth Interconnect (EXSBI)
The Extract Scaleable Bandwidth Interconnect (EXSBI)block demaps up to 84 T1
(1.544 Mbps) links, 63 E1 (2.048 Mbps) links, or up to 3 DS3 (44.736 Mbps) links
from the SBI bus. The 1.544 Mbps links must be T1 framed and channelized. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com