Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 103 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 103 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 99Page - PMC-Sierra, Inc PM73487 Datasheet HTML 100Page - PMC-Sierra, Inc PM73487 Datasheet HTML 101Page - PMC-Sierra, Inc PM73487 Datasheet HTML 102Page - PMC-Sierra, Inc PM73487 Datasheet HTML 103Page - PMC-Sierra, Inc PM73487 Datasheet HTML 104Page - PMC-Sierra, Inc PM73487 Datasheet HTML 105Page - PMC-Sierra, Inc PM73487 Datasheet HTML 106Page - PMC-Sierra, Inc PM73487 Datasheet HTML 107Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
91
6.4.1
Switch Fabric Cell Formats
Table 21 on page 91 and Table 22 on page 92 define the switch fabric interface cell formats for
data cells and idle cells, respectively.
Table 21. QRT-QSE Interface Cell Format.
*
When the phase aligners are turned on, Tsesu and Tseho are no longer defined. However, the maximum input and output
skew and jitter on these signals with respect to the SE_SOC_IN is constrained to specification listed in this table.
** This is assuming the SYSCLK is operating at 100 Mhz. To operate the device fabric interface at other frequencies, refer to
“Relationships Among Various Clock Domains” on page 229.
Nibble
Symbol
Definition
Comment
0
Pres(1:0), MC, SP
Pres = 10
b: Valid cell present.
Pres = 01
b: Idle cell.
Pres = 00
b: Invalid cell.
Pres = 11
b: Invalid cell.
MC = 1
b:
Multicast cell.
SP:
Spare bit. Programmed via the
RX_CH_CONFIG register (refer
to section 9.3.1.1
“RX_CH_CONFIG” starting on
page 184).
1SP(1:0), Prior-
ity(1:0)
SP(1:0)
Spare bits.
Priority = 11
b High-priority cell.
10
b Medium-priority cell.
01
b Low-priority cell.
00
b Undefined. Cell discarded by
QSE.
The QRT should be configured never to gen-
erate priority 00
b cells, since they are dis-
carded by the QSE.
2
TAG_0_6
Routing tag 0.
MCG_3
The QSE interprets all four nib-
bles as the MCG.
3
TAG_1_7
Routing tag 1.
MCG_2
4
TAG_2
Routing tag 2.
MCG_1
5
TAG_3
Routing tag 3.
MCG_0
6
TAG_4
Routing tag 4.
7
TAG_5
Routing tag 5.
8
TAG_0_6
Routing tag 6.
9
TAG_1_7
Routing tag 7.
10
OUTCHAN_3
Intepreted as OUTCHAN(15:12) by the QRT.
Not used by the QSE.
Symbol
Parameter
Signals
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com