Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 104 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 104 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 100Page - PMC-Sierra, Inc PM73487 Datasheet HTML 101Page - PMC-Sierra, Inc PM73487 Datasheet HTML 102Page - PMC-Sierra, Inc PM73487 Datasheet HTML 103Page - PMC-Sierra, Inc PM73487 Datasheet HTML 104Page - PMC-Sierra, Inc PM73487 Datasheet HTML 105Page - PMC-Sierra, Inc PM73487 Datasheet HTML 106Page - PMC-Sierra, Inc PM73487 Datasheet HTML 107Page - PMC-Sierra, Inc PM73487 Datasheet HTML 108Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
92
Table 22. QRT-QSE Interface Idle Cell Format
11
SP(1:0), MB, P
SP(1:0)
Spare bits.
MB
Mark bit. Cells that are present and
have this bit set are counted by the
TX_MARKED_CELLS and
RX_MARKED_CELLS counters
(refer to
“MARKED_CELLS_COUNT” on
page 110).
P
Set to odd parity by software over
nibbles 0-11.
12
OUTCHAN_2
Intepreted as OUTCHAN(11:8) by the QRT.
Not used by the QSE.
13
OUTCHAN_1
Intepreted as OUTCHAN(7:4) by the QRT.
Not used by the QSE.
14
OUTCHAN_0
Intepreted as OUTCHAN(3:0) by the QRT.
Not used by the QSE.
15
VCI_3
Intepreted as VCI(15:12) by the QRT.
Not used by the QSE.
16
VCI_2
Intepreted as VCI(11:8) by the QRT.
Not used by the QSE.
17
VCI_1
Intepreted as VCI(7:4) by the QRT.
Not used by the QSE.
18
VCI_0
Intepreted as VCI(3:0) by the QRT.
Not used by the QSE.
19
PTI(2:0)/CLP
Intepreted as the PTI and CLP field from the
cell by the QRT.
Not used by the QSE.
20
SEQ_1
Intepreted as SEQ(7:4) by the QRT.
Not used by the QSE.
21
SEQ_0
Intepreted as SEQ(3:0) by the QRT.
Not used by the QSE.
22-117
Payload
Interpreted as 48 bytes of ATM cell payload by
the QRT.
Not used by the QSE.
Nibble
Symbol
Definition
Comment
0
Pres(3:0)
Pres = 0100
b: Cell not present.
1
IDLE_0
IDLE_0 = 0000
b: All 0.
2
IDLE_1
IDLE_1 = 1000
b: Marching 1.
Marching “1” pattern protects against bridging
faults. If the QRT is not in sync with
RX_CELL_START, the device outputs 1010
b
here.
3
IDLE_2
IDLE_2 = 0100
b: Marching 1.
Marching “1” pattern protects against bridging
faults.
4
IDLE_3
IDLE_3 = 0010
b: Marching 1.
5
IDLE_4
IDLE_4 = 0001
b: Marching 1.
6
IDLE_5
IDLE_5 = 000
b.
7
IDLE_6
IDLE_6 = 000
b.
8 - 15
Reserved
The QRT currently outputs 000
b.
16-117
Unused
The QRT currently outputs 000
b.
Nibble
Symbol
Definition
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com