Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 190 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 190 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 186Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 187Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 188Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 189Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 190Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 191Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 192Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 193Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 194Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
174
10.1.71
Register 0x72 (0x1C8): SAR PMON Receive Unprovisioned VPI/VCI
Errors (LSB)
Bit
Type
Function
Default
Bit 15
R
RUVPI/VCIE
X
to
[15:0]
Bit 0
10.1.72
Register 0x73 (0x1CC): SAR PMON Receive Unprovisioned VPI/VCI
Errors (MSB)
Bit
Type
Function
Default
Bit 15
Unused
X
to
Bit 3
Bit 2
R
RUVPI/VCIE
X
to
[18:16]
Bit 0
RUVPI/VCIE[18:0]:
RUVPI/VCI[18:0] represents the number of ATM cells received on unprovisioned
VPI/VCI VCs since the last time the counter was polled.
The counter is polled by writing to the LASAR-155 Master Reset / Load
Meters register. Such a write transfers the internally accumulated error count to
the above register within 1µs and simultaneously resets the internal counter to
begin a new cycle of error accumulation. This transfer and reset is carried out in
a manner that ensures that coincident events are not lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com