Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 186 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 186 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 182Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 183Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 184Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 185Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 186Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 187Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 188Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 189Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 190Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
170
TACP does not map ATM cells into the two fixed stuff columns. When FSEN is
set to logic zero, the TACP maps cells into the entire SPE.
TGFCE[3:0]:
The GFC enable bits, TGFCE[3:0], enable the insertion of the associated GFC
bit by the TGFC serial input. If TGFCE[3] is a logic 1, first bit of the 4 bit serial
sequence is inserted into the most significant GFC bit transmitted. Likewise, if
TGFCE[0] is a logic 1, last bit of the sequence is inserted into the least
significant GFC bit transmitted. If a bit is logic 0, the associated GFC bit value is
supplied by the TALP block for the case of an assigned cell, or from the
Idle/Unassigned Cell Header Control register for the case of unassigned cells.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com