| Electronic Components Datasheet Search |
|
PM7375-SC Datasheet(PDF) 189 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7375-SC Datasheet(HTML) 189 Page - PMC-Sierra, Inc |
|
189 / 430 page ![]() PM7375 LASAR-155 DATA SHEET PMC-931127 ISSUE 6 LOCAL ATM SAR & PHYSICAL LAYER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 173 Zero Common Part Indicator Errors register has incremented since the last accumulation interval. RCRC10_CH: When logic one, the RCRC10_CH bit indicates that the SAR PMON Receive CRC-10 Errors register has incremented since the last accumulation interval. RUVPI/VCI_CH: When logic one, the RUVPI/VCI_CH bit indicates that the SAR PMON Receive Unprovisioned VPI/VCI Errors register has incremented since the last accumulation interval. OVR: The overrun (OVR) bit indicates the overrun status of the SAR PMON Holding Registers. A logic one in this bit position indicates that a previous interrupt has not been cleared before the end of the next accumulation interval, and that the contents of the Holding Registers have been overwritten. A logic zero indicates that no overrun has occurred. This bit is reset to logic zero when this register is read. INTR: The interrupt (INTR) bit indicates the current status of the internal interrupt signal. A logic one in this bit position indicates that a transfer of counter values to the SAR PMON Holding Registers has occurred; a logic zero indicates that no transfer has occurred. This bit is set to logic zero when this register is read. The value of the INTR bit is not affected by the value of the INTE bit. INTE: The interrupt enable (INTE) bit controls the operation of the appropriate interrupt output. A logic one in the INTE bit position enables the SAR PMON to generate a microprocessor interrupt when the counter values are transferred to the SAR PMON Holding Registers. A logic zero in the INTE bit position disables the SAR PMON from generating an interrupt. When the SAR PMON is reset, the INTE bit is set to logic zero, disabling the interrupt. The interrupt is cleared when this register is read. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |