Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 185 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 185 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 181Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 182Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 183Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 184Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 185Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 186Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 187Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 188Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 189Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
169
10.1.69
Register 0x67 (0x19C): TACP Configuration
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
R/W
TGFCE[3]
0
Bit 6
R/W
TGFCE[2]
0
Bit 5
R/W
TGFCE[1]
0
Bit 4
R/W
TGFCE[0]
0
Bit 3
R/W
FSEN
1
Bit 2
R/W
H4INSB
0
Bit 1
R/W
FIXBYTE[1]
0
Bit 0
R/W
FIXBYTE[0]
0
FIXBYTE[1:0]:
The FIXBYTE[1:0] bits identify the byte pattern inserted into fixed byte columns
of the synchronous payload envelope.
FIXBYTE[1] FIXBYTE[0]
BYTE
0
0
00H
0
1
55H
1
0
AAH
1
1
FFH
H4INSB:
The active low H4 insert enable, H4INSB bit determines the contents of the H4
byte in the outgoing SPE. If H4INSB is set to logic one, the H4 byte is set to the
value of 00 hexadecimal. If H4INSB is set to logic zero, the H4 byte is set to the
cell indicator offset value.
FSEN:
The active high fix stuff control enable, FSEN bit determines the payload
mapping of ATM cells for STS-1 mapping. When FSEN is set to logic one, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com