Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 188 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 188 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 184Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 185Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 186Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 187Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 188Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 189Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 190Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 191Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 192Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
172
TPDU_CH:
When logic one, the TPDU_CH bit indicates that the SAR PMON Transmit PDU
Count register has incremented since the last accumulation interval.
TOVSDU_CH
When logic one, the TOVSDU_CH bit indicates that the SAR PMON Transmit
Oversize SDU Errors register has incremented since the last accumulation
interval.
RPDU_CH:
When logic one, the RPDU_CH bit indicates that the SAR PMON Receive PDU
Count register has incremented since the last accumulation interval.
RMBE_CH:
When logic one, the RMBE_CH bit indicates that the SAR PMON Receive Buffer
Errors register has incremented since the last accumulation interval.
RPBE_CH:
When logic one, the RPBE_CH bit indicates that the SAR PMON Receive Buffer
Errors register has incremented since the last accumulation interval.
RPDUAB_CH:
When logic one, the RPDUAB_CH bit indicates that the SAR PMON Receive
PDU Abort Errors register has incremented since the last accumulation interval.
ROVPDU_CH:
When logic one, the ROVPDU_CH bit indicates that the SAR PMON Receive
Oversize PDU Errors Count register has incremented since the last accumulation
interval.
RCRC32_CH:
When logic one, the RCRC32_CH bit indicates that the SAR PMON Receive
CRC-32 Errors register has incremented since the last accumulation interval.
RSDUL_CH:
When logic one, the RSDUL_CH bit indicates that the SAR PMON Receive SDU
Length Errors register has incremented since the last accumulation interval.
RNZCPI_CH:
When logic one, the RNZCPI_CH bit indicates that the SAR PMON Receive Non



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com