Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 182 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 182 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 178Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 179Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 180Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 181Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 182Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 183Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 184Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 185Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 186Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
166
10.1.65
Register 0x63 (0x18C): TACP FIFO Configuration
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
R/W
Reserved
0
Bit 6
R/W
Reserved
0
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R/W
FIFODP[1]
0
Bit 2
R/W
FIFODP[0]
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
Reserved
0
FIFODP[1:0]:
The FIFODP[1:0] bits determine the transmit FIFO cell depth. FIFO depth
control may be important in systems where the cell latency through the TACP
must be minimized. When the FIFO is filled to the specified depth, the TACP
back pressures the cell stream from the TALP block. The selectable FIFO cell
depths are shown below:
FIFODP[1]
FIFODP[0]
FIFO DEPTH
0
0
4 cells
0
1
3 cells
1
0
2 cells
11
1 cell
Reserved:
The reserved bits must be programmed to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com