Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 180 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 180 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 176Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 177Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 178Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 179Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 180Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 181Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 182Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 183Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 184Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
164
10.1.63
Register 0x61 (0x184): TACP Idle/Unassigned Cell Header Pattern
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
R/W
GFC[3]
0
Bit 6
R/W
GFC[2]
0
Bit 5
R/W
GFC[1]
0
Bit 4
R/W
GFC[0]
0
Bit 3
R/W
PTI[2]
0
Bit 2
R/W
PTI[1]
0
Bit 1
R/W
PTI[0]
0
Bit 0
R/W
CLP
0
CLP:
The CLP bit contains the eighth bit position of the fourth octet of the
idle/unassigned cell pattern. Idle cells are transmitted when the TACP detects
that no outstanding assigned cells need to be transmitted.
PTI[2:0]:
The PTI[2:0] bits contain the fifth, sixth, and seventh bit positions of the fourth
octet of the idle/unassigned cell pattern. Idle cells are transmitted when the
TACP detects that no outstanding assigned cells need to be transmitted.
GFC[3:0]:
The GFC[3:0] bits contain the first, second, third, and fourth bit positions of the
first octet of the idle/unassigned cell pattern. Cell rate decoupling is
accomplished by transmitting idle/unassigned cells when the TACP detects that
no outstanding assigned cells need to be transmitted. The all zeros pattern is
transmitted in the VCI and VPI fields of the idle cell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com