Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 177 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 177 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 173Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 174Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 175Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 176Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 177Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 178Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 179Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 180Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 181Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
161
the RACP ignores the bytes in the two stuff columns. When FSEN is set to logic
zero, the RACP assumes the entire SPE contains ATM cell payload.
RGFCE[3:0]:
The receive GFC enable bits, RGFCE[3:0], determine which generic flow control
bits are presented on the RGFC. RGFCE[3] corresponds to the most significant
GFC bit (first bit in the cell). If a RGFCE bit is a logic 1, the RGFC output
changes in the appropriate bit location to the state of the associated GFC bit in
the current cell; otherwise, RGFC remains in its current state.
Reserved:
The reserved bit must be programmed to logic one for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com