Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 175 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 175 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 171Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 172Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 173Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 174Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 175Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 176Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 177Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 178Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 179Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
159
10.1.60
Register 0x58 (0x160): RACP Receive Cell Counter (MSB)
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R
RCELL[18]
X
Bit 1
R
RCELL[17]
X
Bit 0
R
RCELL[16]
X
RCELL[18:0]:
The RCELL[18:0] bits indicate the number of cells received and passed to the
RALP block during the last accumulation interval. Cells received and filtered due
to HEC errors or Idle/Unassigned cell matches are not counted. The counter
should be polled every second to avoid saturating. The contents of these
registers are valid 7 µs after a transfer is triggered by a write to the correctable
HEC error count register addresses, the uncorrectable HEC error count register
addresses or the receive cell counter register addresses.
The error count can also be polled by writing to the LASAR-155 Master
Reset / Load Meters register. Writing to the register loads all the error counter
registers in the SAR PMON, RSOP, RLOP, RPOP, RACP and TACP blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com