Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 171 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 171 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 167Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 168Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 169Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 170Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 171Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 172Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 173Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 174Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 175Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
155
10.1.55
Register 0x53 (0x14C): RACP Match Header Mask
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
R/W
MGFC[3]
0
Bit 6
R/W
MGFC[2]
0
Bit 5
R/W
MGFC[1]
0
Bit 4
R/W
MGFC[0]
0
Bit 3
R/W
MPTI[2]
0
Bit 2
R/W
MPTI[1]
0
Bit 1
R/W
MPTI[0]
0
Bit 0
R/W
MCLP
0
MCLP:
The CLP bit contains the mask pattern for the eighth bit of the fourth octet of the
53 octet cell. This mask is applied to the RACP Match Header Pattern Register
to select the bits included in the cell filter. A logic one in this bit position enables
the MCLP bit in the pattern register to be compared. A logic zero causes the
masking of the MCLP bit.
MPTI[2:0]:
The MPTI[2:0] bits contain the mask pattern for the fifth, sixth and seventh bits of
the fourth octet of the 53 octet cell. This mask is applied to the RACP Match
Header Pattern Register to select the bits included in the cell filter. A logic one in
any bit position enables the corresponding bit in the pattern register to be
compared. A logic zero causes the masking of the corresponding bit.
MGFC[3:0]:
The MGFC[3:0] bits contain the mask pattern for the first, second, third and
fourth bits of the first octet of the 53 octet cell. This mask is applied to the RACP
Match Header Pattern Register to select the bits included in the cell filter. A logic
one in any bit position enables the corresponding bit in the pattern register to be
compared. A logic zero causes the masking of the corresponding bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com