Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 176 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 176 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 172Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 173Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 174Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 175Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 176Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 177Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 178Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 179Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 180Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
160
10.1.61
Register 0x59 (0x164): RACP Configuration
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
R/W
RGFCE[3]
1
Bit 6
R/W
RGFCE[2]
1
Bit 5
R/W
RGFCE[1]
1
Bit 4
R/W
RGFCE[0]
1
Bit 3
R/W
FSEN
1
Bit 2
R/W
Reserved
1
Bit 1
R/W
HECFTR[1]
0
Bit 0
R/W
HECFTR[0]
0
HECFTR[1:0]:
The HEC filter bits, HECFTR[1:0], indicate the number of consecutive error free
cells required while in detection mode before reverting back to correction mode.
Please refer to Figure 9.3 for details.
HECFTR[1:0]
Cell Acceptance Threshold
00
One ATM cell with correct HEC before resumption of Cell
acceptance. This cell is accepted.
01
Two ATM cells with correct HEC before resumption of Cell
acceptance. The last cell is accepted.
10
Four ATM cells with correct HEC before resumption of Cell
acceptance. The last cell is accepted.
11
Eight ATM cells with correct HEC before resumption of Cell
acceptance. The last cell is accepted.
FSEN:
The active high fix stuff control enable bit FSEN determines the payload mapping
of ATM cells when STS-1 mapping is selected. When FSEN is set to logic one,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com