Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 152 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 152 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 150Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 151Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 152Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 153Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 154Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 155Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 156Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 462 page
background image
Chapter 4 BIU Module
4-52
ENBANK0HDRAM:
Setting this bit will enable the TMPR3911/12 to support HDRAM devices in Memory Bank 0.
The BANK0CONF bits in the Memory Configuration 0 Register will configure the TMPR3911/12
to support either a 16-bit HDRAM configuration or a 32-bit HDRAM configuration, in the same
manner that standard DRAM is setup.
ENARB:
Setting this bit will always cause the CPU Interface logic to externally arbitrate with the CPU
during DMA reads and writes when the DISSNOOP control bit is set.
DISSNOOP:
Setting this bit will prevent the CPU Interface logic from causing the SNOOP signal to assert to
the CPU Core during DMA writes.
CLRWRBUSERRINT:
WRBUSERRINT will occur whenever a write is timed out by the Watch Dog Timer.
This interrupt is connected directly to INT[0] on the CPU and is completely independent of the
rest of the TMPR3911/12 interrupt logic. When this interrupt is set, it will remain set until the
CLRWRBUSERRINT bit is asserted. The bit must be set and subsequently cleared to clear the
interrupt.
ENBANK1OPT:
Setting this bit will cause the BIU to insert an extra clock of delay between the assertion of
RAS1* and the assertion of the CAS* signals for DRAM accesses. This is needed for interfacing to
80 ns DRAMs when running with a clock greater than 70 MHz.
ENBANK0OPT:
Setting this bit will cause the BIU to insert an extra clock of delay between the assertion of
RAS0* and the assertion of the CAS* signals for DRAM accesses. This is needed for interfacing to
80 ns DRAMs when running with a clock greater than 70 MHz.
ENWATCH:
Setting this bit will enable the Watch Dog Timer.
WATCHTIMEVAL[3:0]:
These bits define the length of the Watch Dog Timer. The Watch Dog Timer rate is determined
by the following equation:
Watch Dog Timer Rate
=
f
64
1)
0]
:
[3
(WATCHTIME
CLK
*
+
MEMPOWERDOWN:
Setting this bit will cause the memory interface to be put into Memory Power Down mode which
will cause the DRAMs and SDRAMs to be put into self-refresh and all memory signals will be
driven low. The memory interface will remain powered down until the processor attempts to access
a location in memory other than function registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com