Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 149 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 149 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 150Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 151Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 152Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 153Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 462 page
background image
Chapter 4 BIU Module
4-49
CS1ACCVAL1[3:0]:
These bits define the access time for CS1. If ENCS1PAGE is set, these bits will be used for the
first access and CS1ACCVAL2[3:0] will be used for the next three accesses for reads only. For
writes, only these bits are used. If ENCS1PAGE is not set, these bits and CS1ACCVAL2[3:0]
should be set with the same value. If ENCS1PAGE is set, these bits must be set to at least $1.
CS1ACCVAL2[3:0]:
These bits define the access time for the next three reads in a burst sequence if ENCS1PAGE is
set. If ENCS1PAGE is not set, these bits and CS1ACCVAL1[3:0] should be set with the same
value. If ENCS1PAGE is set, these bits must be set to at least $2.
CS0ACCVAL1[3:0]:
These bits define the access time for CS0. If ENCS0PAGE is set, these bits will be used for the
first access and CS0ACCVAL2[3:0] will be used for the next three accesses for reads only. For
writes, only these bits are used. If ENCS0PAGE is not set, these bits and CS0ACCVAL2[3:0]
should be set with the same value. If ENCS0PAGE is set, these bits must be set to at least $1.
CS0ACCVAL2[3:0]:
These bits define the access time for the next three reads in a burst sequence if ENCS0PAGE is
set. If ENCS0PAGE is not set, these bits and CS0ACCVAL1[3:0] should be set with the same
value. If ENCS0PAGE is set, these bits must be set to at least $2.
4.7.4
Memory Configuration 3 Register
OFFSET
= $00C
Bit
Label
RESET
Read/Write
31-28
CARD2ACCVAL[3:0]
X
R/W
27-24
CARD1ACCVAL[3:0]
X
R/W
23-20
CARD2IOACCVAL[3:0]
X
R/W
19-16
CARD1IOACCVAL[3:0]
X
R/W
15
ENMCS3PAGE
X
R/W
14
ENMCS2PAGE
X
R/W
13
ENMCS1PAGE
X
R/W
12
ENMCS0PAGE
X
R/W
11
ENCS3PAGE
X
R/W
10
ENCS2PAGE
X
R/W
9
ENCS1PAGE
X
R/W
8
ENCS0PAGE
0
R/W
7
CARD2WAITEN
X
R/W
6
CARD1WAITEN
X
R/W
5CARD2IOEN
X
R/W
4CARD1IOEN
X
R/W
3PORT8SEL
0
R/W
2
PORT2_8SEL
0
R/W
1
PORT1_8SEL
0
R/W
0DCLKDISABLE
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com